| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC68340 Datasheet(PDF) 258 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 Datasheet(HTML) 258 Page - Freescale Semiconductor, Inc |
|
258 / 441 page ![]() 6- 8 MC68340 USER’S MANUAL MOTOROLA .. ... A31–A0 FC3–FC0 SIZ1–SIZ0 R/W AS DS DSACKx S0 S2 S4 S0 S2 S4 S0 S2 S4 S0 D15–D0 DREQx DACKx DONEx (OUTPUT) CPU CYCLE DMA READ CPU CYCLE NOTE: 1. Timing to generate more than one DMA request. 2. DACKx and DONEx (DMA control signals) are asserted in the source (read) DMA cycle. 3. DREQx must be asserted while DACKx is asserted and meet the setup and hold times for more than one DMA transfer to be recognized. DMA READ CLKOUT DONEx (INPUT) Figure 6-5. Single-Address Read Timing (External Burst) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |