Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC68340 Datasheet(PDF) 241 Page - Freescale Semiconductor, Inc

No. de pieza MC68340
Descripción Electrónicos  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 241 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 237Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 238Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 239Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 240Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 241Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 242Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 243Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 244Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 245Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 441 page
background image
5- 104
MC68340 USER’S MANUAL
MOTOROLA
Instruction
Head
Tail
Cycles
TBLUN
Dn:Dm, Dp
30
0
34-40(0/2/0)
TBLUN (Save)*
〈CEA〉, Dn
1
1
3(0/1/0)
TBLUN (Op)
〈CEA〉, Dn
6
0
39-45(2X/1/0)
X
= There is one bus cycle for byte and word operands and two bus cycles for long
operands. For long bus cycles, add two clocks to the tail and to the number of
cycles.
<= Maximum time (certain data or mode combinations may execute faster).
su
= The execution time is identical for signed or unsigned operands.
*These instructions have an additional save operation that other instructions do not have. To
calculate total instruction time, calculate save,
〈ea〉, and operation execution times, then
combine in the order shown, using equations in 5.7.1.6 Instruction Execution Time
Calculations. A save operation is not run for long-word divide and multiply instructions
when
〈FEA〉 = Dn,
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More