| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CYT4DNJBJS Datasheet(PDF) 200 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4DNJBJS Datasheet(HTML) 200 Page - Infineon Technologies AG |
|
200 / 209 page ![]() Datasheet 200 002-24601 Rev. *I 2023-02-14 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Errata 13. Hardfault may occur when calling ReadSWPU or WriteSWPU while executing EraseSector or ProgramRow in non-blocking mode Problem Definition ReadSWPU or WriteSWPU read data from bank#0 in SFlash. While doing that the check for active non-blocking erase or program of bank#0 is not performed. Therefore, reading bank#0 while there is an active erase/program operation will trigger a bus error which can result in a hardfault occurrence based on FLASHC_FLASH_CTL register settings. Parameters Affected N/A Trigger Condition(s) Calling ReadSWPU or WriteSWPU while executing EraseSector or ProgramRow in non-blocking mode on bank#0. Scope of Impact ReadSWPU or WriteSWPU can’t be used while executing EraseSector or ProgramRow in non-blocking mode on bank#0. Workaround Do not use ReadSWPU or WriteSWPU while executing EraseSector or ProgramRow in non-blocking mode on bank#0. Fix Status No silicon fix planned. TRM will be updated. Impact on Infineon Software HSM-Perf-Lib: While executing EraseSector or ProgramRow in non-blocking mode on bank#0, users must not call CySldProt_GetSwpuFlashStructCfg or, if CySldProt_SwpuFlashStructGroupConfigurations is non-empty, CySldProt_VerifySecureDomainFlashWriteProtection. |