Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32U595QJ Datasheet(PDF) 115 Page - STMicroelectronics

No. de pieza STM32U595QJ
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 111Page - STMicroelectronics STM32U595QJ Datasheet HTML 112Page - STMicroelectronics STM32U595QJ Datasheet HTML 113Page - STMicroelectronics STM32U595QJ Datasheet HTML 114Page - STMicroelectronics STM32U595QJ Datasheet HTML 115Page - STMicroelectronics STM32U595QJ Datasheet HTML 116Page - STMicroelectronics STM32U595QJ Datasheet HTML 117Page - STMicroelectronics STM32U595QJ Datasheet HTML 118Page - STMicroelectronics STM32U595QJ Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 377 page
background image
8
15
H2
26
N9
P10
J2
K17
P2
8
15
H2
26
J2
PC0
I/O
FT_fha
-
LPTIM1_IN1,
OCTOSPIM_P1_IO7,
I2C3_SCL(boot),
SPI2_RDY,
MDF1_SDI4,
USART6_CTS,
LPUART1_RX,
SDMMC1_D5,
SAI2_FS_A,
LPTIM2_IN1,
EVENTOUT
ADC1_IN1,
ADC2_IN1,
ADC4_IN1
9
16
G327
M8
L7
J3
K15 M1
9
16G327
J3
PC1
I/O FT_fhav
-
TRACED0,
LPTIM1_CH1,
SPI2_MOSI,
I2C3_SDA(boot),
MDF1_CKI4,
USART6_CK,
LPUART1_TX,
OCTOSPIM_P1_IO4,
SDMMC2_CK,
SAI1_SD_A,
EVENTOUT
ADC1_IN2,
ADC2_IN2,
ADC4_IN2
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions