| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U545CE Datasheet(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545CE Datasheet(HTML) 108 Page - STMicroelectronics |
|
108 / 283 page ![]() - E3 - - - - - 25 33 H8 51 L12 PB12 I/O FT_hav - TIM1_BKIN, I2C2_SMBA, SPI2_NSS(boot), MDF1_SDI1, USART3_CK, LPUART1_RTS_DE, TSC_G1_IO1, OCTOSPI1_NCLK, TIM15_BKIN, EVENTOUT - 26 G1 34 G8 G4 52 L11 26 34 G8 52 K12 PB13 I/O FT_fa - TIM1_CH1N, LPTIM3_IN1, I2C2_SCL, SPI2_SCK(boot), MDF1_CKI1, USART3_CTS, LPUART1_CTS, TSC_G1_IO2, TIM15_CH1N, EVENTOUT - 27 E1 35 E6 G2 53 M11 27 35 F8 53 K11 PB14 I/O FT_fa - TIM1_CH2N, LPTIM3_ETR, TIM8_CH2N, I2C2_SDA, SPI2_MISO(boot), USART3_RTS_DE, TSC_G1_IO3, TIM15_CH1, EVENTOUT - 28 F2 36 F7 H1 54 M12 28 36 F7 54 K10 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, LPTIM2_IN2, TIM8_CH3N, SPI2_MOSI(boot), TIM15_CH2, EVENTOUT WKUP7 -- - - - 55 J10 - - - 55 K9 PD8 I/O FT_h - USART3_TX, DCMI_HSYNC/PSSI_DE, EVENTOUT - -- - - - 56 K11 - - - 56 K8 PD9 I/O FT_h - LPTIM2_IN2, USART3_RX, DCMI_PIXCLK/PSSI_PDCK, LPTIM3_IN1, EVENTOUT - Table 27. STM32U545xx pin/ball definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |