Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M-17131.5ED100 Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza M-17131.5ED100
Descripción Electrónicos  size 17 1.8° 2-phase stepper motor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M-17131.5ED100 Datasheet(HTML) 1 Page - Schneider Electric

  M-17131.5ED100 Datasheet HTML 1Page - Schneider Electric M-17131.5ED100 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Specifications
Dimensions in inches (mm)
NEMA17 stepper motor Quick Reference R060210
Quick Reference
NEMA size 17 1.8°
2-phase stepper motor
Notes and Warnings
Installation, configuration and maintenance must be carried out by qualified tech-
nicians only. You must have detailed information to be able to carry out this work.
• Unexpected dangers may be encountered when working with this product!
• Incorrect use may destroy this product and connected components!
For more information, go to www.imshome.com
Specifications
1.5 Amp motors
Single length
Double length
Triple length
Part number
M-1713-1.5
• (1)
M-1715-1.5
• (1)
M-1719-1.5
• (1)
Holding torque
oz-in
32
60
75
N-cm
23
42
53
Detent torque
oz-in
1.7
2.1
3.5
N-cm
1.2
1.5
2.5
Rotor inertia
oz-in-sec2
0.000538
0.0008037
0.0011562
kg-cm2
0.038
0.057
0.082
Weight
oz
7.4
8.1
12.7
grams
210
230
360
Phase current
amps
1.5
1.5
1.5
Phase resistance
ohms
1.3
2.1
2.0
Phase inductance
mH
2.1
5.0
3.85
(1) Indicate S for single-shaft or D for double-shaft. Example M-1713-1.5S
Wiring and Connections
Signals and wire colors
Phase A
Red
Phase /A
Blue
Phase B
Green
Phase /B
Black
1.67
( 42.3)
4X Ø M3xP0.5
0.177 (4.5) deep min
1.22
( 30.99)
Ø 0.866 +0/-0.002
(Ø 22.0 +0/-0.052)
FRONT VIEW
0.75 ±0.005
(19 ±0.13)
2X M2
0.20 (5.1)
deep min
REAR VIEW (Reduced)
Ø 0.197 +0/-0.001
(Ø 4.99 +0/-0.012)
0.590 (14.86)
0.55
(14)
11.8 inches (30 cm)
Optional
rear
shaft
0.177 ± 0.002
(4.52 ± 0.05)
0.94 ± 0.02
(23.88 ± 0.51)
0.08 (2.03)
LMAX
0.177 ± 0.002
(4.52 ± 0.05)
Ø 0.197 (Ø 5.0)
Flat extends to
rear end bell
Example:
M - 1 7 1 3 - 1 . 5 S
Stepper motor frame size
M - 17 = NEMA 17 (1.7” / 42 mm)
M- 1
7 1 3 - 1 . 5 S
Motor length
13 - = single stack
15 - = double stack
19 - = triple stack
M-
1
7 13
1 . 5 S
Phase current
1.5 = 1.5 Amps
M-
1
7 1 3 - 1 . 5 S
Shaft
S = single, front shaft only
D = double, front and rear shafts
M
-
1
7 1 3 - 1 . 5 S
Optional optical encoder (1)
ES = Single-end
ED = Differential
Line count
100, 200, 250, 400, 500 or 1000 (2)
M
-
1
7 1 3 - 1 . 5 ES 1 0 0
(1) An encoder replaces the shaft designator in the part number.
(2) All encoders have an index mark, except the 1000 line count version.
Part Numbers
Motor stack length inches (mm) Single
Double
Triple
LMAX
1.34 (34.0)
1.57 (40)
1.89 (48)


Número de pieza similar - M-17131.5ED100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
M-1005 VISHAY-M-1005 Datasheet
104Kb / 4P
High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
M-1010 VISHAY-M-1010 Datasheet
104Kb / 4P
High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
logo
Switchcraft, Inc.
M-1018 SWITCH-M-1018 Datasheet
836Kb / 1P
MOUNTING HARDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
MOUNTING HAREDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
MOUNTING HARDWARE
More results

Descripción similar - M-17131.5ED100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M54646AP MITSUBISHI-M54646AP Datasheet
121Kb / 6P
2-PHASE STEPPER MOTOR DRIVER
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
MotionKing Motor Indust...
8H2A MOTIONKING-8H2A Datasheet
114Kb / 1P
2 Phase Hybrid Stepper Motor
14H2K MOTIONKING-14H2K Datasheet
78Kb / 1P
2 Phase Hybrid Stepper Motor
16H2A MOTIONKING-16H2A Datasheet
88Kb / 1P
2 Phase Hybrid Stepper Motor
24H2A MOTIONKING-24H2A Datasheet
87Kb / 1P
2 Phase Hybrid Stepper Motor
34H2B MOTIONKING-34H2B Datasheet
89Kb / 1P
2 Phase Hybrid Stepper Motor
43H2A MOTIONKING-43H2A Datasheet
117Kb / 1P
2 Phase Hybrid Stepper Motor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com