Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S+DA0002-C Datasheet(PDF) 2 Page - ATGBICS by Approved Technology

No. de pieza S+DA0002-C
Descripción Electrónicos  SDA0002 Mikrotik Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATGBICS [ATGBICS by Approved Technology]
Página de inicio  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+DA0002-C Datasheet(HTML) 2 Page - ATGBICS by Approved Technology

  S+DA0002-C Datasheet HTML 1Page - ATGBICS by Approved Technology S+DA0002-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+DA0002-C Datasheet HTML 3Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ S+DA0002-C_V1 Page 2 of 3
Product Datasheet
Recommended Operating Environment:
Parameter
Symbol
Min
Typical
Max
Unit
Storage Ambient Temperature
-40
+85
°
C
Operating Case Temperature
Tc
0
+70
°
C
Power Supply Voltage
VCC
3
3.14
3.3
3.47
V
Power Dissipation
PD
0.5
W
Systems
Performance
Media
10.5 Gpbs line speed, full duplex
Bit error rate: better than 10E-12
Hot-pluggable, industry-standard Small Form-Factor
Specifications (Tested under recommended operating conditions, unless otherwise noted)
Parameter
Symbol
Min
Type
Max
Units
Notes
Electrical Characteristics
Supply Current
Icc
-
-
100
mA
1
Transmitter Differential
Input Voltage (PECL)
VIN
250
-
1200
mVpp
Receiver Differential
Output Voltage (PECL)
VO
185
-
1000
mVpp
Impedance
Zcable
90
100
110
Ohms
MOD-DEF1, 2
VIH
2.0
-
Vcc
V
Note:
1. The supply current includes SFP Module’s supply current and test board working current.


Descripción similar - S+DA0002-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATGBICS by Approved Tec...
SPLUSDA0001-C ATGBICS-SPLUSDA0001-C Datasheet
151Kb / 3P
   SPLUSDA0001 MikroTik Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
DAC-SFP-10G-2M-C ATGBICS-DAC-SFP-10G-2M-C Datasheet
152Kb / 3P
   DAC-SFP-10G-2M Dell Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
CAB-SFP-2M-C ATGBICS-CAB-SFP-2M-C Datasheet
151Kb / 3P
   CAB-SFP-2M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
SFP-10G-CU2M-C ATGBICS-SFP-10G-CU2M-C Datasheet
152Kb / 3P
   SFP-10G-CU2M Huawei Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
SFP-TWNACT-2M-C ATGBICS-SFP-TWNACT-2M-C Datasheet
152Kb / 3P
   SFP-TWNACT-2M EMC Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
00AY765-C ATGBICS-00AY765-C Datasheet
152Kb / 3P
   00AY765 IBM Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
JD096B-C ATGBICS-JD096B-C Datasheet
152Kb / 3P
   JD096B H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
XDACBL2M-C ATGBICS-XDACBL2M-C Datasheet
151Kb / 3P
   XDACBL2M Intel Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
1710484F2-C ATGBICS-1710484F2-C Datasheet
152Kb / 3P
   1710484F2 AdTran Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
CAB-SFP-SFP-2M-C ATGBICS-CAB-SFP-SFP-2M-C Datasheet
151Kb / 3P
   CAB-SFP-SFP-2M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com