Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S+85DLC03D-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

No. de pieza S+85DLC03D-C
Descripción Electrónicos  S85DLC03D MikroTik Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATGBICS [ATGBICS by Approved Technology]
Página de inicio  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+85DLC03D-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  S+85DLC03D-C Datasheet HTML 1Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 3Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 4Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 5Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 6Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 7Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 8Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_S+85DLC03D-C_V1
Page 1 of 10
Product Datasheet
S+85DLC03D-C
MikroTik® Compatible 10Gb/s SFP+ SR Transceiver
Hot Pluggable, Duplex LC, +3.3V, 850nm, VCSEL MMF 300m DDM
FEATURES
• Supports 9.95 to 11.3Gb/s bit rates
• Hot-Pluggable
• Duplex LC connector
• 850nm VCSEL transmitter, PIN photodetector
• MMF links up to 300m @ OM3 and 400m @ OM4
• 2-wire interface for management specifications compliant with SFF 8472 digital diagnostic
monitoring interface
• Power Supply: +3.3V
• Power consumption<1W
• Temperature Range: 0 ~ 70°C
• RoHS compliant
APPLICATIONS
• 10GBASE-SR/SW Ethernet
• SONET OC-192 / SDH
• 10G Fibre Channel
DESCRIPTION
ATGBICS® Compatible S+85DLC03D-C Transceiver is a very compact 10Gb/s optical transceiver module
for serial optical communication applications at 10Gb/s. The S+85DLC03D-C converts a 10Gb/s serial
electrical data stream to 10Gb/s optical output signal and a 10Gb/s optical input signal to 10Gb/s serial
electrical data streams. The high speed 10Gb/s electrical interface is fully compliant with SFI specification.
The high performance 850nm VCSEL transmitter and high sensitivity PIN receiver provide superior
performance for Ethernet applications at up to 300m links.
The SFP+ Module is compliant with SFF-8431, SFF-8432 and IEEE 802.3ae 10GBASE-SR. Digital
diagnostics functions are available via a 2-wire serial interface, as specified in SFF-8472.
The fully SFP compliant form factor provides hot pluggability, easy optical port upgrades and low EMI
emission.


Descripción similar - S+85DLC03D-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATGBICS by Approved Tec...
MR-SFP-10G-SR-C ATGBICS-MR-SFP-10G-SR-C Datasheet
375Kb / 10P
   MR-SFP-10G-SR MikroTik Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-S-C ATGBICS-SFP-10G-SR-S-C Datasheet
375Kb / 10P
   SFP-10G-SR-S Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-SR-C ATGBICS-SFPP-SR-C Datasheet
375Kb / 10P
   SFPP-SR Fujitsu Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
ET5402-SR-C ATGBICS-ET5402-SR-C Datasheet
375Kb / 10P
   ET5402-SR Edgecore Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP+KT-SR-C ATGBICS-SFP+KT-SR-C Datasheet
375Kb / 10P
   SFPKT-SR NetOptics Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
WG8583-C ATGBICS-WG8583-C Datasheet
374Kb / 10P
   WG8583 WatchGuard Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
EW3A0000710-C ATGBICS-EW3A0000710-C Datasheet
374Kb / 10P
   EW3A0000710 Citrix Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
EW3E0000710-C ATGBICS-EW3E0000710-C Datasheet
374Kb / 10P
   EW3E0000710 Citrix Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
46C3448-C ATGBICS-46C3448-C Datasheet
374Kb / 10P
   46C3448 Lenovo Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
C5RNH-C ATGBICS-C5RNH-C Datasheet
355Kb / 10P
   C5RNH Dell Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com