Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-09003 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza S-09003
Descripción Electrónicos  Phison Electronics Corporation USB 2.0 Flash Controller Specification
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

S-09003 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button S-09003 Datasheet HTML 6Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 7Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 8Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 9Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 10Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 11Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 12Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 13Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Phison Electronics Corporation
No.1, Qun Yi Road, Jhunan, Miaoli, Taiwan 350, R.O.C.
Tel : +886-37-586-896
Fax : +886-37-587-868
Page 8
DCC.:S-09003
D4. Pins Listed in Numeric Order
– 48pins
Pin
Signal
Pin
Signal
Pin
Signal
1
V33
17
PB_FLH_DIO[11]
33
PI_RST_N
2
V18,VCCK
18
PO_FLH_CEB[0]
34
PI_TEST_SEL1
3
PO_FLH_CEB[2]
19
PI_FLH_RDY
35
VCC3IO
4
PO_FLH_CEB[3]
20
PO_FLH_CEB[1]
36
PI_TEST_SEL0
5
PB_FLH_DIO[8]
21
PB_FLH_DIO[4]
37
PI_TEST_MODE_N
6
PB_FLH_DIO[0]
22
PB_FLH_DIO[12]
38
VCCK
7
PO_FLH_CLE0
23
PB_FLH_DIO[5]
39
XSCI
8
PO_FLH_ALE0
24
PB_FLH_DIO[13]
40
XSCO
9
PO_FLH_WEB0
25
PB_FLH_DIO[6]
41
AVDDHP,AVDDH_USB
10
VDET,VCC3IO
26
PB_FLH_DIO[14]
42
AGNDP,AGND_USB
11
PO_FLH_REB0
27
PB_FLH_DIO[7]
43
NC
12
PB_FLH_DIO[1]
28
PB_FLH_DIO[15]
44
DM
13
PB_FLH_DIO[9]
29
PO_FLH_WPB
45
DP
14
PB_FLH_DIO[2]
30
PB_GPIO[0]
46
NC
15
PB_FLH_DIO[10]
31
PB_GPIO[1]
47
VSSK,GNDA
16
PB_FLH_DIO[3]
32
PB_GPIO[2]
48
VCC5A


Número de pieza similar - S-09003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
   LCD BACK LIGHT, COG TYPE
S-00403G ETC1-S-00403G Datasheet
101Kb / 1P
   LCD BACK LIGHT, TAB TYPE
S-00406VG ETC1-S-00406VG Datasheet
105Kb / 1P
   LCD BACK LIGHT, COG TYPE
S-00808G ETC1-S-00808G Datasheet
101Kb / 1P
   LCD BACK LIGHT, TAB TYPE
logo
Johanson Technology Inc...
S-0402 JOHANSON-S-0402 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
More results

Descripción similar - S-09003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
PS4043S ETC-PS4043S Datasheet
237Kb / 18P
   Phison flash memory controller PS4043S
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
logo
SMSC Corporation
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
   USB 2.0 FLASH MEDIA CONTROLLER
USB97C242 SMSC-USB97C242 Datasheet
164Kb / 22P
   USB 2.0 Flash Drive Controller
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
   USB 2.0 Flash Media Controller
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
   USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
   USB 2.0 Flash Card Reader Controller
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com