| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSM6DSRX Datasheet(PDF) 159 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSRX Datasheet(HTML) 159 Page - STMicroelectronics |
|
159 / 171 page ![]() 11.29 FSM_OUTS6 (51h) ........................................................... 110 11.30 FSM_OUTS7 (52h) ........................................................... 111 11.31 FSM_OUTS8 (53h) ........................................................... 111 11.32 FSM_OUTS9 (54h) ........................................................... 112 11.33 FSM_OUTS10 (55h).......................................................... 112 11.34 FSM_OUTS11 (56h) .......................................................... 113 11.35 FSM_OUTS12 (57h).......................................................... 113 11.36 FSM_OUTS13 (58h).......................................................... 114 11.37 FSM_OUTS14 (59h).......................................................... 114 11.38 FSM_OUTS15 (5Ah) ......................................................... 115 11.39 FSM_OUTS16 (5Bh) ......................................................... 115 11.40 EMB_FUNC_ODR_CFG_B (5Fh)............................................... 116 11.41 EMB_FUNC_ODR_CFG_C (60h)............................................... 116 11.42 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) ......................... 117 11.43 EMB_FUNC_SRC (64h)....................................................... 118 11.44 EMB_FUNC_INIT_A (66h)..................................................... 118 11.45 EMB_FUNC_INIT_B (67h)..................................................... 119 11.46 MLC0_SRC (70h) ............................................................ 119 11.47 MLC1_SRC (71h) ............................................................ 119 11.48 MLC2_SRC (72h) ............................................................120 11.49 MLC3_SRC (73h) ............................................................120 11.50 MLC4_SRC (74h) ............................................................120 11.51 MLC5_SRC (75h) ............................................................120 11.52 MLC6_SRC (76h) ............................................................121 11.53 MLC7_SRC (77h) ............................................................121 12 Embedded advanced features pages ............................................ 122 13 Embedded advanced features register description .............................. 125 13.1 Page 0 - Embedded advanced features registers ..................................125 13.1.1 MAG_SENSITIVITY_L (BAh) and MAG_SENSITIVITY_H (BBh) .................. 125 13.1.2 MAG_OFFX_L (C0h) and MAG_OFFX_H (C1h)............................... 126 13.1.3 MAG_OFFY_L (C2h) and MAG_OFFY_H (C3h)............................... 126 LSM6DSRX Contents DS13007 - Rev 3 page 159/171 |