| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSM6DSO32 Datasheet(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32 Datasheet(HTML) 126 Page - STMicroelectronics |
|
126 / 153 page ![]() Embedded advanced features register description LSM6DSO32 126/153 DocID032891 Rev 1 13.1.3 MAG_OFFY_L (C2h) and MAG_OFFY_H (C3h) Offset for Y-axis hard-iron compensation register (r/w). The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). 13.1.4 MAG_OFFZ_L (C4h) and MAG_OFFZ_H (C5h) Offset for Z-axis hard-iron compensation register (r/w). The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 254. MAG_OFFY_L register MAG_OFF Y_7 MAG_OFF Y_6 MAG_OFF Y_5 MAG_OFF Y_4 MAG_OFF Y_3 MAG_OFF Y_2 MAG_OFF Y_1 MAG_OFF Y_0 Table 255. MAG_OFFY_L register description MAG_OFFY_[7:0] Offset for Y-axis hard-iron compensation (LSbyte). Default value: 00000000 Table 256. MAG_OFFY_H register MAG_OFF Y_15 MAG_OFF Y_14 MAG_OFF Y_13 MAG_OFF Y_12 MAG_OFF Y_11 MAG_OFF Y_10 MAG_OFF Y_9 MAG_OFF Y_8 Table 257. MAG_OFFY_H register description MAG_OFFY_[15:8] Offset for Y-axis hard-iron compensation (MSbyte). Default value: 00000000 Table 258. MAG_OFFZ_L register MAG_OFF Z_7 MAG_OFF Z_6 MAG_OFF Z_5 MAG_OFF Z_4 MAG_OFF Z_3 MAG_OFF Z_2 MAG_OFF Z_1 MAG_OFF Z_0 Table 259. MAG_OFFZ_L register description MAG_OFFZ_[7:0] Offset for Z-axis hard-iron compensation (LSbyte). Default value: 00000000 Table 260. MAG_OFFZ_H register MAG_OFF Z_15 MAG_OFF Z_14 MAG_OFF Z_13 MAG_OFF Z_12 MAG_OFF Z_11 MAG_OFF Z_10 MAG_OFF Z_9 MAG_OFF Z_8 Table 261. MAG_OFFZ_H register description MAG_OFFZ_[15:8] Offset for Z-axis hard-iron compensation (MSbyte). Default value: 00000000 |