Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-07244 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

No. de pieza D-07244
Descripción Electrónicos  Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

D-07244 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

Back Button D-07244 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd D-07244 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Reference only
ETKY04J
5 / 22
• Capacitance
The first two digits denote significant figures ; the last digit denotes the multiplier of 10 in pF.
ex.) In case of 472.
47
×102 = 4700pF
• Capacitance tolerance
Please refer to
[ Part number list ].
• Lead code
Code
Lead style
A
Vertical crimp long type
B
Vertical crimp short type
Lead Length:5mm
J
Lead Length:3.5mm
N
Vertical crimp taping type
∗ Please refer to [ Part number list ].
• Packing style code
Code
Packing type
B
Bulk type
A
Ammo pack taping type
• Individual specification
In case part number cannot be identified without ‘individual specification’ , it is added at
the end of part number.
Code
Specification
M01F
Dielectric strength between
lead wires: AC2000V(r.m.s.)
‣ Simplicity marking
‣ Halogen Free
Br ≤ 900ppm, Cl ≤ 900ppm
Br + Cl ≤ 1500ppm
‣ CP wire
M02F
Dielectric strength between
lead wires: AC2600V(r.m.s.)
Note) Murata part numbers might be changed depending on lead code or any other changes.
Therefore, please specify only the type name(KY) and capacitance of products in the
parts list when it is required for applying safety standard of electric equipment.


Número de pieza similar - D-07244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
D-07C1 NEC-D-07C1 Datasheet
2Mb / 45P
DC Line Fileters
More results

Descripción similar - D-07244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE2F3KH103MA3B MURATA-DE2F3KH103MA3B Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX392MN5AA01 MURATA1-DE1E3KX392MN5AA01 Datasheet
286Kb / 18P
Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2E3KY472MA3BM02 MURATA1-DE2E3KY472MA3BM02 Datasheet
331Kb / 22P
Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
GA342A MURATA1-GA342A Datasheet
1Mb / 28P
Safety Standard Certified Chip Multilayer Ceramic Capacitors for General Purpose
Oct.18,2022
GA343QR7GD222KW01L MURATA1-GA343QR7GD222KW01L Datasheet
638Kb / 24P
Safety Standard Certified Chip Multilayer Ceramic Capacitors for General Purpose
Dec.9,2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com