Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT470 Datasheet(PDF) 1 Page - Solid State Optronic

No. de pieza SDT470
Descripción Electrónicos  DC Input Optocoupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDT470 Datasheet(HTML) 1 Page - Solid State Optronic

  SDT470 Datasheet HTML 1Page - Solid State Optronic SDT470 Datasheet HTML 2Page - Solid State Optronic SDT470 Datasheet HTML 3Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDT4
70
DC Input
Optocoupler
The SDT4
70 consists of a phototransistor optically coupled to a light emitting diode. Optical coupling between the input LED and output
phototransistor allows for high isolation levels while maintaining low-level DC signal control capability. The SDT4
70 provides an optically
isolated method of controlling many interface applications such as telecommunications, industrial control and instrumentation circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High input-to-output isolation package
(2500 Vrms)
Low input power consumption
High stability
Ultra miniature 4-pin small outline package
CTR:
80%-600%
Registers, copiers, Automatic Vending Machines
System appliances, measuring instruments
Computer terminals, PLCs
Telecommunications, telephones
Home Appliances
Digital logic inputs
Microprocessor inputs
Switching power supply, laser beam printers, etc.
Tape and Reel
-TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
100
Input Forward Current
mA
50
Input Peak Forwad Current
A
1
Reverse Input Voltage
V
6
Output Power Dissipation
mW
1
20
1
2
4
3
+ Input
- Input
Collector
Emitter
UL and C-UL approved File #E201932
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Número de pieza similar - SDT470

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Inc
SDT470 SOLIDSTATE-SDT470 Datasheet
360Kb / 8P
Ultra miniature 4 pin SSOP package
Rev 2.02
More results

Descripción similar - SDT470

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
DC Input Optocoupler
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SDD451 SSOUSA-SDD451 Datasheet
691Kb / 4P
DC Input Optocoupler
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
DC Input Optocoupler
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
DC Input Optocoupler
SDT1600 SSOUSA-SDT1600 Datasheet
311Kb / 4P
DC Input Quad Optocoupler
SDD1600 SSOUSA-SDD1600 Datasheet
284Kb / 4P
DC Input Quad Optocoupler
SDT800 SSOUSA-SDT800 Datasheet
536Kb / 4P
DC Input Dual Optocoupler
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com