Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD01 Datasheet(PDF) 394 Page - Microchip Technology

No. de pieza AD01
Descripción Electrónicos  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AD01 Datasheet(HTML) 394 Page - Microchip Technology

Back Button AD01 Datasheet HTML 390Page - Microchip Technology AD01 Datasheet HTML 391Page - Microchip Technology AD01 Datasheet HTML 392Page - Microchip Technology AD01 Datasheet HTML 393Page - Microchip Technology AD01 Datasheet HTML 394Page - Microchip Technology AD01 Datasheet HTML 395Page - Microchip Technology AD01 Datasheet HTML 396Page - Microchip Technology AD01 Datasheet HTML 397Page - Microchip Technology AD01 Datasheet HTML 398Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 394
 2016-2018 Microchip Technology Inc.
B
A
0.20 H A B
0.20 H A B
44 X b
0.20
C A B
(DATUM B)
(DATUM A)
C
SEATING PLANE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Microchip Technology Drawing C04-076C Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
e
NOTE 1
12
N
D
D1
E
E1
2X
A2
A1
A
0.10 C
3
N
AA
0.20 C A B
4X 11 TIPS
123
44-Lead Plastic Thin Quad Flatpack (PT) - 10x10x1.0 mm Body [TQFP]
NOTE 1
NOTE 2