Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D302 Datasheet(PDF) 400 Page - Microchip Technology

No. de pieza D302
Descripción Electrónicos  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D302 Datasheet(HTML) 400 Page - Microchip Technology

Back Button D302 Datasheet HTML 396Page - Microchip Technology D302 Datasheet HTML 397Page - Microchip Technology D302 Datasheet HTML 398Page - Microchip Technology D302 Datasheet HTML 399Page - Microchip Technology D302 Datasheet HTML 400Page - Microchip Technology D302 Datasheet HTML 401Page - Microchip Technology D302 Datasheet HTML 402Page - Microchip Technology D302 Datasheet HTML 403Page - Microchip Technology D302 Datasheet HTML 404Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 400
 2016-2018 Microchip Technology Inc.
C
SEATING
PLANE
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-300-PT Rev A Sheet 1 of 2
48-Lead Thin Quad Flatpack (PT) - 7x7x1.0 mm Body [TQFP]
TOP VIEW
E
E1
D
0.20 H A-B D
4X
D1
2
12
A
B
A
A
D
D1
A1
A
H
0.10 C
0.08 C
SIDE VIEW
N
0.20 C A-B D
48X TIPS
E1
4
D1
4
A2
E1
2
e
48x b
0.08
C A-B D
NOTE 1