| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LQFP176 Datasheet(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP176 Datasheet(HTML) 112 Page - STMicroelectronics |
|
112 / 204 page ![]() Electrical characteristics STM32F405xx, STM32F407xx 112/203 DS8626 Rev 9 Electromagnetic Interference (EMI) The electromagnetic field emitted by the device are monitored while a simple application, executing EEMBC? code, is running. This emission test is compliant with SAE IEC61967-2 standard which specifies the test board and the pin loading. 5.3.14 Absolute maximum ratings (electrical sensitivity) Stresses above the absolute maximum ratings listed in Table 11: Voltage characteristics, Table 12: Current characteristics, and Table 13: Thermal characteristics may cause permanent damage to the device. These are stress ratings only and the functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Device mission profile (application conditions) is compliant with JEDEC JESD47 Qualification Standard, extended mission profiles are available on demand. Electrostatic discharge (ESD) Electrostatic discharges (a positive then a negative pulse separated by 1 second) are applied to the pins of each sample according to each pin combination. The sample size depends on the number of supply pins in the device (3 parts × (n+1) supply pins). This test conforms to the JESD22-A114/C101 standard. Table 44. EMI characteristics Symbol Parameter Conditions Monitored frequency band Max vs. [fHSE/fCPU] Unit 25/168 MHz SEMI Peak level VDD = 3.3 V, TA = 25 °C, LQFP176 package, conforming to SAE J1752/3 EEMBC, code running from Flash with ART accelerator enabled 0.1 to 30 MHz 32 dBµV 30 to 130 MHz 25 130 MHz to 1GHz 29 SAE EMI Level 4 - VDD = 3.3 V, TA = 25 °C, LQFP176 package, conforming to SAE J1752/3 EEMBC, code running from Flash with ART accelerator and PLL spread spectrum enabled 0.1 to 30 MHz 19 dBµV 30 to 130 MHz 16 130 MHz to 1GHz 18 SAE EMI level 3.5 - Table 45. ESD absolute maximum ratings Symbol Ratings Conditions Class Maximum value(1) Unit VESD(HBM) Electrostatic discharge voltage (human body model) TA = +25 °C conforming to JESD22-A114 2 2000(2) V VESD(CDM) Electrostatic discharge voltage (charge device model) TA = +25 °C conforming to ANSI/ESD STM5.3.1 II 500 1. Guaranteed by characterization. |