Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM6411...ALV Datasheet(PDF) 121 Page - Texas Instruments

No. de pieza AM6411...ALV
Descripción Electrónicos  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM6411...ALV Datasheet(HTML) 121 Page - Texas Instruments

Back Button AM6411...ALV Datasheet HTML 117Page - Texas Instruments AM6411...ALV Datasheet HTML 118Page - Texas Instruments AM6411...ALV Datasheet HTML 119Page - Texas Instruments AM6411...ALV Datasheet HTML 120Page - Texas Instruments AM6411...ALV Datasheet HTML 121Page - Texas Instruments AM6411...ALV Datasheet HTML 122Page - Texas Instruments AM6411...ALV Datasheet HTML 123Page - Texas Instruments AM6411...ALV Datasheet HTML 124Page - Texas Instruments AM6411...ALV Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 244 page
background image
Table 7-14. MCU_SAFETY_ERRORn Switching Characteristics (continued)
see Figure 7-13
NO.
PARAMETER
MIN
MAX UNIT
SFTY2 tw(MCU_SAFETY_ERRORn)
Pulse width minimum, MCU_SAFETY_ERRORn
active (PWM mode disabled)(5)
P*R(1) (2)
ns
SFTY3
td (ERROR_CONDITION-
MCU_SAFETY_ERRORnL)
Delay time, ERROR CONDITION to
MCU_SAFETY_ERRORn active(5)
50*P(1)
ns
(1)
P = ESM functional clock
(2)
R = Error Pin Counter Pre-Load Register count value
(3)
H = Error Pin PWM High Pre-Load Register count value
(4)
L = Error Pin PWM Low Pre-Load Register count value
(5)
When PWM mode is enabled, MCU_SAFETY_ERRORn stops toggling after RST22 and will maintain its value (either high or low) until
the error is cleared. When PWM mode is disabled, MCU_SAFETY_ERRORn is active low.
Figure 7-13. MCU_SAFETY_ERRORn Timing Requirements and Switching Characteristics
7.10.3.3 Clock Timing
Tables and figures provided in this section define timing requirements and switching characteristics for clock
signals.
Table 7-15. Clock Timing Requirements
see Figure 7-14
NO.
MIN
MAX UNIT
CLK1
tc(EXT_REFCLK1)
Cycle time minimum, EXT_REFCLK1
10
ns
CLK2
tw(EXT_REFCLK1H)
Pulse Duration minimum, EXT_REFCLK1 high
E*0.45(1)
E*0.55(1)
ns
CLK3
tw(EXT_REFCLK1L)
Pulse Duration minimum, EXT_REFCLK1 low
E*0.45(1)
E*0.55(1)
ns
CLK19 tc(MCU_EXT_REFCLK0)
Cycle time minimum, MCU_EXT_REFCLK0
10
ns
CLK20 tw(MCU_EXT_REFCLK0H)
Pulse Duration minimum, MCU_EXT_REFCLK0 high
F*0.45(2)
F*0.55(2)
ns
CLK21 tw(MCU_EXT_REFCLK0L)
Pulse Duration minimum, MCU_EXT_REFCLK0 low
F*0.45(2)
F*0.55(2)
ns
(1)
E = EXT_REFCLK1 cycle time
(2)
F = MCU_EXT_REFCLK0 cycle time
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
121
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com