Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 3 Page - Texas Instruments

  SN012020 Datasheet HTML 1Page - Texas Instruments SN012020 Datasheet HTML 2Page - Texas Instruments SN012020 Datasheet HTML 3Page - Texas Instruments SN012020 Datasheet HTML 4Page - Texas Instruments SN012020 Datasheet HTML 5Page - Texas Instruments SN012020 Datasheet HTML 6Page - Texas Instruments SN012020 Datasheet HTML 7Page - Texas Instruments SN012020 Datasheet HTML 8Page - Texas Instruments SN012020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
5 Device Comparison Table
DEVICE NUMBER
SPEAKER CHANNELS
SPEAKER AMP TYPE
OUTPUT POWER (W)
PSRR (dB)
TPA2012D2
Stereo
Class D
2.1
71
TPA2015D1
Mono
Class D
2
85
TPA2026D2
Stereo
Class D
3.2
80
TPA2028D1
Mono
Class D
3
80
6 Pin Configuration and Functions
PVDD
OUT+
OUT-
GND
GND
GND
VBAT
ENB
SW
AGC
END
IN-
PVOUT
GND
IN+
GAIN
D4
C4
B4
A4
D3
C3
B3
A3
D2
B2
A2
C2
D1
C1
B1
A1
Figure 6-1. YZH Package 16-Pin DSBGA Top View
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AGC
B3
I
Enable and select AGC.
ENB
D4
I
Enable for the boost converter; set to logic high to enable.
END
C3
I
Enable for the Class-D amplifier; set to logic high to enable.
GAIN
B2
I
Gain selection pin.
GND
A4, C2, C4, D1
P
Ground; all ground balls must be connected for proper functionality.
IN–
D3
I
Negative audio input.
IN+
D2
I
Positive audio input.
OUT–
C1
O
Negative audio output.
OUT+
B1
O
Positive audio output.
PVDD
A1
I
Class-D power stage supply voltage.
PVOUT
A2
O
Boost converter output.
SW
A3
I
Boost and rectifying switch input.
VBAT
B4
P
Supply voltage.
(1)
I = Input, O = Output, P = Power
www.ti.com
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com