Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 20 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN012020 Datasheet HTML 16Page - Texas Instruments SN012020 Datasheet HTML 17Page - Texas Instruments SN012020 Datasheet HTML 18Page - Texas Instruments SN012020 Datasheet HTML 19Page - Texas Instruments SN012020 Datasheet HTML 20Page - Texas Instruments SN012020 Datasheet HTML 21Page - Texas Instruments SN012020 Datasheet HTML 22Page - Texas Instruments SN012020 Datasheet HTML 23Page - Texas Instruments SN012020 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
decrease by a specific percentage. This can vary by 10% to 35%. Inductance is also affected by dc current and
temperature.
10.2.1.2.1.1 Inductor Equations
Inductor current rating is determined by the requirements of the load. The inductance is determined by two
factors: the minimum value required for stability and the maximum ripple current permitted in the application.
Use Equation 1 to determine the required current rating. Equation 1 shows the approximate relationship between
the average inductor current, IL, to the load current, load voltage, and input voltage (IPVDD, PVDD, and VBAT,
respectively). Insert IPVDD, PVDD, and VBAT into Equation 1 and solve for IL. The inductor must maintain at least
90% of its initial inductance value at this current.
L
PVDD
PVDD
I
= I
VBAT
0.8
æ
ö
´ ç
÷
´
è
ø
(1)
CAUTION
Use a minimum working inductance of 1.3 μH. Lower values may damage the inductor.
Use a minimum working inductance of 1.3 μH. Lower values may damage the inductor.
Ripple current, ΔIL, is peak-to-peak variation in inductor current. Smaller ripple current reduces core losses in the
inductor and reduces the potential for EMI. Use Equation 2 to determine the value of the inductor, L. Equation 2
shows the relationship between inductance L, VBAT, PVDD, the switching frequency, fBOOST, and ΔIL. Insert the
maximum acceptable ripple current into Equation 2 and solve for L.
L
BOOST
VBAT
(PVDD
VBAT)
L =
I
PVDD
´
-
D
´ ¦
´
(2)
ΔIL is inversely proportional to L. Minimize ΔIL as much as is necessary for a specific application. Increase the
inductance to reduce the ripple current. Do not use greater than 4.7 μH, as this prevents the boost converter
from responding to fast output current changes properly. If using above 3.3 µH, then use at least 10 µF
capacitance on PVOUT to ensure boost converter stability.
The typical inductor value range for the TPA2015D1 is 2.2 μH to 3.3 µH. Select an inductor with less than 0.5 Ω
dc resistance, DCR. Higher DCR reduces total efficiency due to an increase in voltage drop across the inductor.
Table 10-2. Sample Inductors
L
(μH)
SUPPLIER
COMPONENT CODE
SIZE
(L×W×H mm)
DCR TYP
(mΩ)
ISAT MAX
(A)
C RANGE
2.2
Chilisin
Electronics Corp.
CLCN252012T-2R2M-N
2.5 x 2.0 x 1.2
105
1.2
4.7 – 22 µF / 16 V
6.8 – 22 µF / 10 V
2.2
Toko
1239AS-H-2R2N=P2
2.5 × 2.0 × 1.2
96
2.3
2.2
Coilcraft
XFL4020-222MEC
4.0 x 4.0 x 2.15
22
3.5
3.3
Toko
1239AS-H-3R3N=P2
2.5 × 2.0 × 1.2
160
2.0
10 – 22 µF / 10 V
3.3
Coilcraft
XFL4020-332MEC
4.0 x 4.0 x 2.15
35
2.8
10.2.1.2.2 Boost Converter Capacitor Selection
The value of the boost capacitor is determined by the minimum value of working capacitance required for
stability and the maximum voltage ripple allowed on PVDD in the application. Working capacitance refers to the
available capacitance after derating the capacitor value for DC bias, temperature, and aging.
Do not use any component with a working capacitance less than 4.7 μF. This corresponds to a 4.7 µF / 16 V
capacitor, or a 6.8 µF / 10 V capacitor. Do not use above 22 µF capacitance as it will reduce the boost converter
response time to large output current transients.
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
   3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com