Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN012020 Datasheet HTML 12Page - Texas Instruments SN012020 Datasheet HTML 13Page - Texas Instruments SN012020 Datasheet HTML 14Page - Texas Instruments SN012020 Datasheet HTML 15Page - Texas Instruments SN012020 Datasheet HTML 16Page - Texas Instruments SN012020 Datasheet HTML 17Page - Texas Instruments SN012020 Datasheet HTML 18Page - Texas Instruments SN012020 Datasheet HTML 19Page - Texas Instruments SN012020 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
2.2 H
m
2.2 F – 10 F
m
m
6.8 F – 22 F
m
m
IN-
IN+
GAIN
ENB
END
GND
VDD
SW PVOUT
PVDD
OUT+
OUT-
TPA2015D1
Differential
Audio Inputs
Connected to Supply
Gain Control
Boost Enable
Class-D Enable
AGC
AGC Control
47 nF
100 W
Figure 9-6. Reducing Out-of-Band DAC Noise With External Input Filter
9.3.5 Filter Free Operation and Ferrite Bead Filters
The TPA2015D1 is designed to minimize RF emissions. For more information about RF emissions and filtering
requirements, see SLOA145.
9.3.6 Speaker Load Limitation
Speakers are non-linear loads with varying impedance (magnitude and phase) over the audio frequency. A
portion of speaker load current can flow back into the boost converter output via the Class-D output H-bridge
high-side device. This is dependent on the speaker's phase change over frequency, and the audio signal
amplitude and frequency content.
Most portable speakers have limited phase change at the resonant frequency, typically no more than 40 or
50 degrees. To avoid excess flow-back current, use speakers with limited phase change. Otherwise, flow-back
current could exceed the 10 mA rating of the boost converter voltage clamp and drive the PVOUT voltage above
the absolute maximum recommended operational voltage.
Confirm proper operation by connecting the speaker to the TPA2015D1 and driving it at maximum output swing.
Observe the PVOUT voltage with an oscilloscope. In the unlikely event the PVOUT voltage exceeds 6.5 V, add a
6.8 V Zener diode between PVOUT and ground to ensure the TPA2015D1 operates properly.
The amplifier has thermal overload protection and decatives if the die temperature exceeds 150°C. It
automatically reactivates once die temperature returns below 150°C. Built-in output over-current protection
deactivates the amplifier if the speaker load becomes short-circuited. The amplifier automatically restarts within
200 ms after the over-current event. Although the TPA2015D1 Class-D output can withstand a short between
OUT+ and OUT-, do not connect either output directly to GND, PVDD, or VBAT as this could damage the device.
CAUTION
Do not connect OUT+ or OUT- directly to GND, PVDD, or VBAT as this could damage the Class-D
output stage.
9.3.7 Fixed Gain Setting
The TPA2015D1 has 3 selectable fixed-gains: 6 dB, 15.5 dB, and 20 dB. Connect the GAIN pin as shown in
Table 9-2.
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
   3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com