Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 15 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN012020 Datasheet HTML 11Page - Texas Instruments SN012020 Datasheet HTML 12Page - Texas Instruments SN012020 Datasheet HTML 13Page - Texas Instruments SN012020 Datasheet HTML 14Page - Texas Instruments SN012020 Datasheet HTML 15Page - Texas Instruments SN012020 Datasheet HTML 16Page - Texas Instruments SN012020 Datasheet HTML 17Page - Texas Instruments SN012020 Datasheet HTML 18Page - Texas Instruments SN012020 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
A timer prevents the input signal from modulating the PVOUT voltage within the audio frequency range,
eliminating the potential for audible artifacts on the Class-D output.
Figure 9-5 shows how the adaptive boost modulates with a typical audio signal. By automatically deactivating the
boost converter and passing VBAT to PVOUT, the TPA2015D1 efficiency is improved at low output power.
t − Time − s
0.0
0.5
1.0
1.5
2.0
−6
−4
−2
0
2
4
6
8
10
12
PVOUT
VOUT+ − VOUT−
VBAT = 3.6 V
Gain = 20 dB
AGC = Float
RL = 8 Ω + 33 µH
Figure 9-5. Adaptive Boost Converter With Typical Music Playback
The primary external components for the boost converter are the inductor and the boost capacitor. The inductor
stores current, and the boost capacitor stores charge. As the Class-D amplifier depletes the charge in the boost
capacitor, the boost inductor replenishes charge with its stored current. The cycle of charge and discharge
occurs frequently enough to keep PVOUT within its minimum and maximum voltage specification.
The boost converter design is optimized for driving the integrated Class-D amplifier only. It lacks protection
circuitry recommended for driving loads other than the integrated Class-D amplifier.
9.3.3.1 Boost Converter Overvoltage Protection
The TPA2015D1 internal boost converter operates in a discontinuous mode to improve the efficiency at light
loads. The boost converter has overvoltage protection that disables the boost converter if the output voltage
exceeds 5.8 V. If current is forced into the PVOUT terminal, the voltage clamp will sink up to 10 mA. If more than
10 mA is forced into PVOUT, then the PVOUT voltage will increase. Refer to the Section 9.3.6 section for details.
See Section 13.1.1.2 for a list of terms and definitions used in the boost equations.
9.3.4 Operation With DACs and CODECs
Large ripple voltages can be present at the output of ΔΣ DACs and CODECs, just above the audio frequency
(for example: 80 kHz with a 300 mVPP). This out-of-band noise is due to the noise shaping of the delta-sigma
modulator in the DAC.
Some Class-D amplifiers have higher output noise when used in combination with these DACs and CODECs.
This is because out-of-band noise from the CODEC/DAC mixes with the Class-D switching frequencies in the
audio amplifier input stage.
The TPA2015D1 has a built-in low-pass filter that reduces the out-of-band noise and RF noise, filtering out-of-
band frequencies that could degrade in-band noise performance. The TPA2015D1 AGC calculates gain based
on input signal amplitude only.
If driving the TPA2015D1 input with 4th-order or higher ΔΣ DACs or CODECs, add an R-C low pass filter at each
of the audio inputs (IN+ and IN-) of the TPA2015D1 to ensure best performance. The recommended resistor
value is 100 Ω and the capacitor value of 47 nF.
www.ti.com
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
   3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com