Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN012020 Datasheet HTML 8Page - Texas Instruments SN012020 Datasheet HTML 9Page - Texas Instruments SN012020 Datasheet HTML 10Page - Texas Instruments SN012020 Datasheet HTML 11Page - Texas Instruments SN012020 Datasheet HTML 12Page - Texas Instruments SN012020 Datasheet HTML 13Page - Texas Instruments SN012020 Datasheet HTML 14Page - Texas Instruments SN012020 Datasheet HTML 15Page - Texas Instruments SN012020 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LIMITER
LEVEL
INPUT
SIGNAL
GAIN
OUTPUT
SIGNAL
AttackTime
GainStep
ReleaseTime
Figure 9-1. SpeakerGuard™ Attack and Release Times
9.3.1.1 SpeakerGuard™ With Varying Input Levels
SpeakerGuard™ protects speakers by decreasing gain during large output transients. Figure 9-2 shows the
maximum output voltage at different input voltage levels. The load is 8 Ω and the gain is 15.5 dB (6 V/V).
SPACE
VBAT − Supply Voltage − V
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
1.0
2.0
3.0
4.0
5.0
6.0
VIN = 0.707 VRMS
VIN = 0.564 VRMS
VIN = 0.475 VRMS
RL = 8 Ω + 33 µH
RAGC = 27 kΩ
f = 1 kHz
Gain = 15.5 dB
Figure 9-2. Maximum Output Voltage vs Supply Voltage
A 0.707 VRMS sine-wave input signal forces the output voltage to 4.242 VRMS, or 6.0 VPEAK. Above 3.9 V supply,
the boost converter voltage sags due to high output current, resulting in a peak Class-D output voltage of
about 5.4 V. As the supply voltage decreases below 3.9 V, the limiter level decreases. This causes the gain to
decrease, and the peak Class-D output voltage lowers.
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com