Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN012020 Datasheet HTML 7Page - Texas Instruments SN012020 Datasheet HTML 8Page - Texas Instruments SN012020 Datasheet HTML 9Page - Texas Instruments SN012020 Datasheet HTML 10Page - Texas Instruments SN012020 Datasheet HTML 11Page - Texas Instruments SN012020 Datasheet HTML 12Page - Texas Instruments SN012020 Datasheet HTML 13Page - Texas Instruments SN012020 Datasheet HTML 14Page - Texas Instruments SN012020 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
9 Detailed Description
9.1 Overview
The TPA2015D1 is a high efficiency Class-D audio power amplifier with battery-tracking SpeakerGuard™ AGC
technology. It drives up to 2 W into an 8 Ω speaker.
The built-in boost converter generates a 5.5 V supply voltage for the Class-D amplifier. The SpeakerGuard™
AGC adjusts the Class-D gain to limit battery current and prevent heavy clipping. The TPA2015D1 has an
integrated low-pass filter to improve the RF rejection and reduce DAC out-of-band noise, increasing the signal to
noise ratio (SNR).
See Section 13.1.1.1 for a list of terms and definitions used throughout the following sections.
9.2 Functional Block Diagram
IN-
VBAT
IN+
PVDD
AGND
OUT-
OUT+
GAIN
Oscillator
Boost
Converter
Battery
Monitor
+
PWM
H-
Bridge
GND
PVDD
PVOUT
GND
Bias &
Control
END
ENB
SW
Gain
Select:
+20 dB
+15.5 dB
+6 dB
AGC
AGC
9.3 Feature Description
9.3.1 SpeakerGuard™ Theory of Operation
SpeakerGuard™ protects speakers, improves loudness, and limits peak supply current. If the output audio
signal exceeds the limiter level, then SpeakerGuard™ decreases amplifier gain. The rate of gain decrease, the
attack time, is fixed at 0.026 ms/dB. SpeakerGuard™ increases the gain once the output audio signal is below
the limiter level. The rate of gain increase, the release time, is fixed at 1600 ms/dB. Figure 9-1 shows this
relationship.
www.ti.com
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
   3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com