Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN012020 Datasheet HTML 6Page - Texas Instruments SN012020 Datasheet HTML 7Page - Texas Instruments SN012020 Datasheet HTML 8Page - Texas Instruments SN012020 Datasheet HTML 9Page - Texas Instruments SN012020 Datasheet HTML 10Page - Texas Instruments SN012020 Datasheet HTML 11Page - Texas Instruments SN012020 Datasheet HTML 12Page - Texas Instruments SN012020 Datasheet HTML 13Page - Texas Instruments SN012020 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
8 Parameter Measurement Information
All parameters are measured according to the conditions described in the Section 7 section.
Figure 8-1 shows the setup used to test the device's typical characteristics.
IN+
IN–
+
VBAT
1 F
m
1 F
m
2.2 H
m
Load
OUT+
OUT–
Measurement
Output
TPA2015D1
Measurement
Input
+
+
10 F
m
22 F
m
Supply
GND
30kHz
Low-Pass
Filter
SW
PVDD
PVOUT
A.
The 1 µF input capacitors (CI) were shorted for input common-mode voltage measurements.
B.
A 33 μH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
C.
The 30 kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An R-C low pass filter (100 Ω, 47 nF) is used
on each output for the data sheet graphs.
Figure 8-1. Test Setup for Typical Characteristics Graphs
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com