Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN012020 Datasheet HTML 2Page - Texas Instruments SN012020 Datasheet HTML 3Page - Texas Instruments SN012020 Datasheet HTML 4Page - Texas Instruments SN012020 Datasheet HTML 5Page - Texas Instruments SN012020 Datasheet HTML 6Page - Texas Instruments SN012020 Datasheet HTML 7Page - Texas Instruments SN012020 Datasheet HTML 8Page - Texas Instruments SN012020 Datasheet HTML 9Page - Texas Instruments SN012020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
VBAT = 3.6 V, TA = 25°C, RL = 8 Ω + 33 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AV
Closed-loop voltage gain
GAIN < 0.25 × VBAT
6
dB
0.4 × VBAT < GAIN < 0.6 × VBAT (or float)
15.5
GAIN > 0.75 × VBAT
20
ΔAV
Gain accuracy
–0.5
0.5
dB
VOOS
Output offset voltage
10
mV
RIN
Input impedance (per input pin)
AV = 6 dB
27.8
kΩ
AV = 15.5 dB
14.9
AV = 20 dB
10.1
Input impedance in shutdown (per input
pin)
END = 0 V
88.4
kΩ
ZO
Output impedance in shutdown
END = 0 V
2
kΩ
fCLASS-D
Switching frequency
560
600
640
kHz
EN
Noise output voltage
A-weighted, GAIN = 6 dB
24.8
μVRMS
A-weighted, GAIN = 15.5 dB
33.4
A-weighted, GAIN = 20 dB
42.4
THD+N
Total harmonic distortion plus noise(1)
PO = 100 mW, f = 1 kHz
0.06%
PO = 500 mW, f = 1 kHz
0.07%
AC PSRR
AC-Power supply ripple rejection (output
referred)
200 mVPP ripple, f = 217 Hz
75
dB
200 mVPP ripple, f = 4 kHz
70
Audio frequency passband ripple
fAUDIO = 20 Hz, CIN = 1 μF
–0.2
–0.1
0
dB
fAUDIO = 16 kHz, CIN = 1 μF
–0.2
–0.1
0
AUTOMATIC GAIN CONTROL
AGC gain range
0
20
dB
AGC gain step size
0.5
dB
AGC attack time (gain decrease)
0.026
ms/dB
AGC release time (gain increase)
1600
ms/dB
Limiter threshold voltage
VBAT > inflection point
6.15
V
VBAT vs. Limiter slope
VBAT < inflection point
3
V/V
AGC inflection point
AGC option 1, R(AGC) = 39 kΩ (±5%)
3.55
V
AGC option 2, R(AGC) = 27 kΩ (±5%)
3.78
AGC option 3, R(AGC) = 18 kΩ (±5%)
3.96
(1)
A-weighted
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
   3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com