Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN012020 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN012020
Descripción Electrónicos  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 5 Page - Texas Instruments

  SN012020 Datasheet HTML 1Page - Texas Instruments SN012020 Datasheet HTML 2Page - Texas Instruments SN012020 Datasheet HTML 3Page - Texas Instruments SN012020 Datasheet HTML 4Page - Texas Instruments SN012020 Datasheet HTML 5Page - Texas Instruments SN012020 Datasheet HTML 6Page - Texas Instruments SN012020 Datasheet HTML 7Page - Texas Instruments SN012020 Datasheet HTML 8Page - Texas Instruments SN012020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
7.5 Electrical Characteristics
VBAT= 3.6 V, Gain = 6 dB, RAGC = Float, TA = 25°C, RL = 8 Ω + 33 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT supply voltage range
END = 0 V, ENB = VBAT
2.5
5.2
V
END = VBAT, ENB = VBAT, AGC options 1, 2, and 3
2.5
5.2
END = VBAT, ENB = VBAT, AGC option 0
2.8
5.2
Class-D supply voltage
range
END = ENB = VBAT, boost converter active
5.2
5.8
V
END = VBAT, ENB = 0 V
3.1
5.25
V
Power supply ripple
rejection
VBAT = 2.5 V to 5.2 V, END = ENB = VBAT
85
dB
VBAT = 2.5 V to 5.2 V, END = VBAT, ENB = 0 V
(pass through mode)
75
Operating quiescent
current
END = 0 V, ENB = VBAT
0.5
mA
END = ENB = VBAT
1.7
2.2
mA
Shutdown quiescent
current
VBAT = 2.5 V to 5.2 V, END = ENB = GND
0.2
3
μA
Gain control pin voltage
Gain = 6 dB (connect to GND)
0
0.25 × VBAT
V
Gain = 15.5 dB (float)
0.4 × VBAT
0.6 × VBAT
Gain = 20 dB (connect to VBAT)
0.75 × VBAT
AGC control pin voltage
AGC with no inflection point, R(AGC) = Open
2
V
AGC option 1 (inflection = 3.55 V), R(AGC) = 39 kΩ (±5%)
1.36
1.75
AGC option 2 (inflection = 3.78 V) , R(AGC) = 27 kΩ (±5%)
0.94
1.2
AGC option 3 (inflection = 3.96 V) , R(AGC) = 18 kΩ (±5%)
0
0.825
AGC control pin output
current
37.6
40
42.4
μA
Input common-mode
voltage range
IN+, IN–
0.6
1.3
V
Start-up time
Boost converter followed by Class-D amplifier
6
10
ms
Boost converter only
1
4
Class-D amplifier only
5
6
7.6 Operating Characteristics
VBAT = 3.6 V, TA = 25°C, RL = 8 Ω + 33 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER
V(PVOUT)
Boost converter output voltage range
I(BOOST) = 0 mA
5.4
6
V
I(BOOST) = 700 mA
5.4
IL
Boost converter input current limit
Power supply current
1500
mA
Boost converter start-up current limit
450
mA
η
Boost converter efficiency
END = 0 V, I(PVOUT) = 100 mA constant
88%
fBOOST
Boost converter frequency
1.2
MHz
CLASS-D AMPLIFIER
PO
Output power
THD = 1%, VBAT = 2.5 V, f = 1 kHz
1200
mW
THD = 1%, VBAT = 3 V, f = 1 kHz
1500
THD = 1%, VBAT = 3.6 V, f = 1 kHz
1700
VO
Output peak voltage
THD = 1%, VBAT = 3 V, f = 1 kHz,
6 dB crest factor sine burst, no clipping
5.2
V
www.ti.com
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPA2015D1


Número de pieza similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
SN0120 KNIGHTSBRIDGE-SN0120 Datasheet
180Kb / 1P
   3rd Party Tested to ISO 22196:2011
26/03/2024
More results

Descripción similar - SN012020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com