Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3-0110010-1 Datasheet(PDF) 3 Page - C&K Components

No. de pieza 3-0110010-1
Descripción Electrónicos  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CK-COMPONENTS [C&K Components]
Página de inicio  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

3-0110010-1 Datasheet(HTML) 3 Page - C&K Components

  3-0110010-1 Datasheet HTML 1Page - C&K Components 3-0110010-1 Datasheet HTML 2Page - C&K Components 3-0110010-1 Datasheet HTML 3Page - C&K Components 3-0110010-1 Datasheet HTML 4Page - C&K Components 3-0110010-1 Datasheet HTML 5Page - C&K Components 3-0110010-1 Datasheet HTML 6Page - C&K Components 3-0110010-1 Datasheet HTML 7Page - C&K Components 3-0110010-1 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M–5
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
3 Series
Thumbwheel Switches
FUNCTION CODE
MOUNTING STYLE
Available Terminations: 0, 1, N
See fig. 1, page M-7.
Available Terminations: P
See fig. 2, page M-7.
See fig. 1, page M-7.
Available Terminations: 0, 1, N
Available Terminations: 0, 1, N
See fig. 1, page M-7.
N = Number of sections.
PANEL MOUNTING
09  SWITCH SECTION ONLY–UNASSEMBLED WITHOUT ENDPLATES OR SPACERS
(Must be ordered with number of sections option “0”, see Page M–4.)
00  SWITCH ASSEMBLY W/ ENDPLATES–.315 (8,00) SECTION PITCH
Type 0 Snap-In Front Mount
23 COMPLEMENT OF BCD 1-2-4-8;
10 POSITION
71 BINARY CODED HEXADECIMAL,
16 POSITION
31 BCD 1-2-4-8; 10 POSITION
27 BCD 1-2-4-8; 10 POSITION
NOTE: For terminal location diagram, see page M–7.
NOTE: Endplates, blank sections, spacers
and assembly hardware available separately, see pages M–8 and M–9.
MOUNTING
STYLE
DIM. ‘A’
00
(.315 x N) + .326
(8,00 x N) + (8,28)
N = Number of sections.
Recommended panel thickness:
0.46-.125
(1,16-3,18)
M
6 Mar 20


Número de pieza similar - 3-0110010-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altech corporation
3-001-Q-11 ALTECH-3-001-Q-11 Datasheet
221Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
3-001-R-11 ALTECH-3-001-R-11 Datasheet
176Kb / 1P
22 mm Thermoplastic Enclosures White/Black Operator Capacity 2
logo
List of Unclassifed Man...
3-0057 ETC-3-0057 Datasheet
274Kb / 1P
REVISED PER ECO 14834
REV. G
3-023 ETC2-3-023 Datasheet
93Kb / 1P
SpectraDIL - 023 style SDS, SDC, SDD ranges
3-0258 ETC-3-0258 Datasheet
289Kb / 1P
RED INDICATES ORIGINAL
REV.K
More results

Descripción similar - 3-0110010-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
Thumbwheel Switch
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
Thumbwheel Switches
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
Thumbwheel Switch
A7CN OMRON-A7CN Datasheet
493Kb / 6P
Thumbwheel Switch
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
Thumbwheel Switches
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
3 Series Thumbwheel Switches
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7MA OMRON-A7MA Datasheet
109Kb / 5P
Thumbwheel Switch
A7MD OMRON-A7MD Datasheet
466Kb / 4P
Ultra-small Thumbwheel-operated Switches
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com