| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CYT4BFCCJS Datasheet(PDF) 104 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT4BFCCJS Datasheet(HTML) 104 Page - Infineon Technologies AG |
|
104 / 217 page ![]() Datasheet 104 of 217 002-21617 Rev. *J 2022-02-18 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual Peripheral protection unit fixed structure pairs 578 PERI_MS_PPU_FX_CANFD1_CH0_CH 0x40540000 0x00000200 CAN1, Channel #0 579 PERI_MS_PPU_FX_CANFD1_CH1_CH 0x40540200 0x00000200 CAN1, Channel #1 580 PERI_MS_PPU_FX_CANFD1_CH2_CH 0x40540400 0x00000200 CAN1, Channel #2 581 PERI_MS_PPU_FX_CANFD1_CH3_CH 0x40540600 0x00000200 CAN1, Channel #3 582 PERI_MS_PPU_FX_CANFD1_CH4_CH 0x40540800 0x00000200 CAN1, Channel #4 583 PERI_MS_PPU_FX_CANFD0_MAIN 0x40521000 0x00000100 CAN0 main 584 PERI_MS_PPU_FX_CANFD1_MAIN 0x40541000 0x00000100 CAN1 main 585 PERI_MS_PPU_FX_CANFD0_BUF 0x40530000 0x00010000 CAN0 buffer 586 PERI_MS_PPU_FX_CANFD1_BUF 0x40550000 0x00010000 CAN1 buffer 587 PERI_MS_PPU_FX_FLEXRAY0 0x40560000 0x00001000 FlexRay Interface #0 588 PERI_MS_PPU_FX_SCB0 0x40600000 0x00010000 SCB0 589 PERI_MS_PPU_FX_SCB1 0x40610000 0x00010000 SCB1 590 PERI_MS_PPU_FX_SCB2 0x40620000 0x00010000 SCB2 591 PERI_MS_PPU_FX_SCB3 0x40630000 0x00010000 SCB3 592 PERI_MS_PPU_FX_SCB4 0x40640000 0x00010000 SCB4 593 PERI_MS_PPU_FX_SCB5 0x40650000 0x00010000 SCB5 594 PERI_MS_PPU_FX_SCB6 0x40660000 0x00010000 SCB6 595 PERI_MS_PPU_FX_SCB7 0x40670000 0x00010000 SCB7 596 PERI_MS_PPU_FX_SCB8 0x40680000 0x00010000 SCB8 597 PERI_MS_PPU_FX_SCB9 0x40690000 0x00010000 SCB9 598 PERI_MS_PPU_FX_SCB10 0x406A0000 0x00010000 SCB10 599 PERI_MS_PPU_FX_I2S0 0x40800000 0x00001000 AUDIOSS I2S0 600 PERI_MS_PPU_FX_I2S1 0x40801000 0x00001000 AUDIOSS I2S1 601 PERI_MS_PPU_FX_I2S2 0x40802000 0x00001000 AUDIOSS I2S2 602 PERI_MS_PPU_FX_PASS0_SAR0_SAR 0x40900000 0x00000400 PASS SAR0 603 PERI_MS_PPU_FX_PASS0_SAR1_SAR 0x40901000 0x00000400 PASS SAR1 604 PERI_MS_PPU_FX_PASS0_SAR2_SAR 0x40902000 0x00000400 PASS SAR2 605 PERI_MS_PPU_FX_PASS0_SAR0_CH0_CH 0x40900800 0x00000040 SAR0, Channel #0 606 PERI_MS_PPU_FX_PASS0_SAR0_CH1_CH 0x40900840 0x00000040 SAR0, Channel #1 607 PERI_MS_PPU_FX_PASS0_SAR0_CH2_CH 0x40900880 0x00000040 SAR0, Channel #2 608 PERI_MS_PPU_FX_PASS0_SAR0_CH3_CH 0x409008C0 0x00000040 SAR0, Channel #3 609 PERI_MS_PPU_FX_PASS0_SAR0_CH4_CH 0x40900900 0x00000040 SAR0, Channel #4 610 PERI_MS_PPU_FX_PASS0_SAR0_CH5_CH 0x40900940 0x00000040 SAR0, Channel #5 611 PERI_MS_PPU_FX_PASS0_SAR0_CH6_CH 0x40900980 0x00000040 SAR0, Channel #6 612 PERI_MS_PPU_FX_PASS0_SAR0_CH7_CH 0x409009C0 0x00000040 SAR0, Channel #7 613 PERI_MS_PPU_FX_PASS0_SAR0_CH8_CH 0x40900A00 0x00000040 SAR0, Channel #8 614 PERI_MS_PPU_FX_PASS0_SAR0_CH9_CH 0x40900A40 0x00000040 SAR0, Channel #9 615 PERI_MS_PPU_FX_PASS0_SAR0_CH10_CH 0x40900A80 0x00000040 SAR0, Channel #10 616 PERI_MS_PPU_FX_PASS0_SAR0_CH11_CH 0x40900AC0 0x00000040 SAR0, Channel #11 617 PERI_MS_PPU_FX_PASS0_SAR0_CH12_CH 0x40900B00 0x00000040 SAR0, Channel #12 618 PERI_MS_PPU_FX_PASS0_SAR0_CH13_CH 0x40900B40 0x00000040 SAR0, Channel #13 619 PERI_MS_PPU_FX_PASS0_SAR0_CH14_CH 0x40900B80 0x00000040 SAR0, Channel #14 620 PERI_MS_PPU_FX_PASS0_SAR0_CH15_CH 0x40900BC0 0x00000040 SAR0, Channel #15 621 PERI_MS_PPU_FX_PASS0_SAR0_CH16_CH 0x40900C00 0x00000040 SAR0, Channel #16 622 PERI_MS_PPU_FX_PASS0_SAR0_CH17_CH 0x40900C40 0x00000040 SAR0, Channel #17 Table 22-1 PPU fixed structure pairs (continued) Pair No. PPU Fixed Structure Pair Address Size Description |