| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST25DV16K Datasheet(PDF) 184 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K Datasheet(HTML) 184 Page - STMicroelectronics |
|
184 / 200 page ![]() Date Revision Changes • Section 2.5 Energy harvesting analog output (V_EH) • Section 5.3.2 Energy harvesting feature description • Figure 21. ST25DVxxx, Arbitration between RF and I2C • Section 6.4.1 I2C Byte write • Section 6.4.2 I2C Sequential write • Table 242. Absolute maximum ratings • Table 243. I2C operating conditions • Table 261. Ordering information scheme Deleted: • Device summary 14-Jun-2018 5 Updated: • Table 21. MB_LEN_Dyn • Section 5.1.2 Fast transfer mode usage • Section 5.6.2 Passwords and security sessions • Section 7.6.2 Command codes list • Section 7.6.35 Write Password • Section 10.5 WLCSP10 package information • Figure 84. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale package outline • Figure 85. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale recommended footprint Added: • Table 260. WLCSP10 recommended PCB design rules 01-Aug-2018 6 Updated: • Section 2.2.2 Low Power Down (LPD) • Section 5.1.2 Fast transfer mode usage • Section 5.2.3 GPO registers • Figure 22. RF security sessions management • Section 7.6.7 Extended Read Single Block • Section 7.6.9 Extended Write Single Block • Section 7.6.10 Lock Block • Section 7.6.11 Extended Lock block • Section 7.6.13 Extended Read Multiple Blocks • Section 7.6.15 Extended Write Multiple Blocks • Section 7.6.25 Extended Get Multiple Block Security Status • Section 7.6.38 Fast Extended Read Single Block • Section 7.6.40 Fast Extended Read Multiple Block • Section 9.1 Maximum rating 08-Nov-2018 7 Updated: • Table 205. Fast Read Message request format • Table 206. Fast Read Message response format when Error_flag is NOT set 04-May-2020 8 Updated: • Section 2.2.2 Low Power Down (LPD) • Section 5.4.2 RF management feature description • Section 5.6.2 Passwords and security sessions • Table 79. MEM_SIZE • Table 161. Extended Get System Info request format • Table 231. Fast Write Message response format when Error_flag is set 19-Feb-2021 9 Updated: • Section 4.2.1 User memory areas • Section 5.2.2 GPO and power supply ST25DV04K ST25DV16K ST25DV64K DS10925 - Rev 9 page 184/200 |