Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM324LV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM324LV
Descripción Electrónicos  LM321LV, LM358LV, LM324LV Industry Standard, Low Voltage Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM324LV Datasheet(HTML) 1 Page - Texas Instruments

  LM324LV Datasheet HTML 1Page - Texas Instruments LM324LV Datasheet HTML 2Page - Texas Instruments LM324LV Datasheet HTML 3Page - Texas Instruments LM324LV Datasheet HTML 4Page - Texas Instruments LM324LV Datasheet HTML 5Page - Texas Instruments LM324LV Datasheet HTML 6Page - Texas Instruments LM324LV Datasheet HTML 7Page - Texas Instruments LM324LV Datasheet HTML 8Page - Texas Instruments LM324LV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
LM321LV, LM358LV, LM324LV Industry Standard, Low Voltage Operational Amplifiers
1 Features
• Industry standard amplifier for cost-sensitive
systems
• Low input offset voltage: ±1 mV
• Common-mode voltage range includes ground
• Unity-gain bandwidth: 1 MHz
• Low broadband noise: 40 nV/√Hz
• Low quiescent current: 90 µA/Ch
• Unity-gain stable
• Operational at supply voltages from 2.7 V to 5.5 V
• Offered in single, dual, and quad channel variants
• Robust ESD specification: 2-kV HBM
• Extended temperature range: –40°C to 125°C
2 Applications
• Cordless appliances
• Uninterruptible power supply
• Battery pack, charger, and test equipment
• Power supply modules
• Environmental sensors signal conditioning
• Field transmitter: temperature sensors
• Oscilloscopes, digital multimeters, test equipment
• Rack mount server
• HVAC: heating, ventilating, and air conditioning
• DC motor control
• Low-side current sensing
3 Description
The LM3xxLV family includes the single LM321LV,
dual LM358LV, and quad LM324LV operational
amplifiers, or op amps. The devices operate from a
low voltage of 2.7 V to 5.5 V.
These op amps supply an alternative to the LM321,
LM358, and LM324 in low-voltage applications
that are sensitive to cost. Some applications are
large appliances, smoke detectors, and personal
electronics. The LM3xxLV devices supply better
performance than the LM3xx devices at low voltage,
and have lower power consumption. The op amps are
stable at unity gain, and do not have reverse phase
in overdrive conditions. The design for ESD gives the
LM3xxLV family an HBM specification for a minimum
of 2 kV.
The LM3xxLV family is available in packages that
have industry standards. The packages include
SOT-23, SOIC, VSSOP, and TSSOP packages.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
LM321LV
SOT-23 (5)
1.60 mm × 2.90 mm
SC70 (5)
1.25 mm × 2.00 mm
LM358LV
SOIC (8)
3.91 mm × 4.90 mm
SOT-23 (8)
1.60 mm × 2.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)
3.00 mm × 3.00 mm
LM324LV
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
4.40 mm × 5.00 mm
SOT-23 (14)
4.20 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Single-Pole, Low-Pass Filter
LM321LV, LM324LV, LM358LV
SBOS944E – SEPTEMBER 2018 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM324LV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM324LV TI1-LM324LV Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
LM324LV TI1-LM324LV Datasheet
2Mb / 46P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
REVISED MAY 2019
LM324LVIDR TI1-LM324LVIDR Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
LM324LVIDR TI1-LM324LVIDR Datasheet
2Mb / 46P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
REVISED MAY 2019
LM324LVIPWR TI1-LM324LVIPWR Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
More results

Descripción similar - LM324LV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM321LV TI1-LM321LV Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
LM321LV TI1-LM321LV_19 Datasheet
2Mb / 46P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
REVISED MAY 2019
LM2902LV TI-LM2902LV_V01 Datasheet
3Mb / 42P
[Old version datasheet]   LM290xLV Industry Standard, Low Voltage Operational Amplifiers
FEBRUARY 2022
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV-Q1 TI-LM2902LV-Q1_V02 Datasheet
2Mb / 38P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
REVISED OCTOBER 2021
LM158 TI-LM158_V03 Datasheet
4Mb / 61P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V04 Datasheet
4Mb / 64P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com