Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L072XZ Datasheet(PDF) 150 Page - STMicroelectronics

No. de pieza STM32L072XZ
Descripción Electrónicos  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072XZ Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32L072XZ Datasheet HTML 146Page - STMicroelectronics STM32L072XZ Datasheet HTML 147Page - STMicroelectronics STM32L072XZ Datasheet HTML 148Page - STMicroelectronics STM32L072XZ Datasheet HTML 149Page - STMicroelectronics STM32L072XZ Datasheet HTML 150Page - STMicroelectronics STM32L072XZ Datasheet HTML 151Page - STMicroelectronics STM32L072XZ Datasheet HTML 152Page - STMicroelectronics STM32L072XZ Datasheet HTML 153Page - STMicroelectronics STM32L072XZ Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 160 page
background image
Package information
STM32L072xx
150/160
DS10689 Rev 5
7.10
UFQFPN32 package information
Figure 68. UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat
package outline
1. Drawing is not to scale.
2. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and
solder this backside pad to PCB ground.
A0B8_ME_V3
1
32
PIN 1 Identifier
SEATINGPLANE
C
C
ddd
A
A1
A3
e
b
D1
b
E2
L
e
E1
E
D2
L
D