Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT-MB-GT2AD.FF Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

No. de pieza KT-MB-GT2AD.FF
Descripción Electrónicos  Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KT-MB-GT2AD.FF Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  KT-MB-GT2AD.FF Datasheet HTML 1Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 2Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 3Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 4Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Implementation
resource block1x RS
function block4x MDI, 1x MDO, 1x MAI, 1x DI
transducer block16x ADM TB, 1x IO TB
Firmware update
Ethernet
Polarity
polarity-sensitive
Rated voltage
UN
9 ... 35 V SELV/PELV
Rated current
IN
0 mA
Ethernet Interface
Port
100 BASE-TX
Protocol
TCP/IP and UDP/IP
Services
ICMP , DHCP , AutoIP , HTTP
Connection type
RJ-45 socket, 8-pin
Transfer rate
100 MBit/s
Diagnostic Bus
Number of Diagnostic Bus Channels
2
Number of Diagnostic Modules/Channel
31 Using Ethernet Interface , 8 Using Fieldbus Interface
Termination
integrated
Cable length/Channel
30 m
Indicators/operating means
LED ERR
red: Hardware fault
LED PWR
green: Power on
LINK/ACT
yellow
CH1, CH2
yellow: diagnostic bus activity
Outputs
Output I
alarm output diagnostic bus channel 1 , volt-free contact , NC contact
Voltage
50 V DC
Current
max. 1 A
Output II
alarm output diagnostic bus channel 2 , volt-free contact , NC contact
Voltage
50 V DC
Current
max. 1 A
Output III
common alarm , volt-free contact , NC contact
Voltage
50 V DC
Current
max. 1 A
Galvanic isolation
All circuits/FE
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
Output I, II/other circuits
functional insulation acc. to IEC 62103, rated insulation voltage 250 Veff
Ethernet/Supply
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
Ethernet/other circuits
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
Fieldbus/other circuits
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
Diagnostic Bus/other circuits
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Standard conformity
Galvanic isolation
IEC 62103
Electromagnetic compatibility
NE 21
Degree of protection
IEC 60529
Fieldbus standard
IEC 61158-2
Climatic conditions
DIN IEC 721
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Ethernet
IEEE 802.3
Ambient conditions
KT-MB-GT2AD.FF
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Número de pieza similar - KT-MB-GT2AD.FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
KT-MB-GT2AD.FF.IO PF-KT-MB-GT2AD.FF.IO Datasheet
1Mb / 8P
   Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface and I/O
2021-01-12
More results

Descripción similar - KT-MB-GT2AD.FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
KT-MB-GT2AD.FF.IO PF-KT-MB-GT2AD.FF.IO Datasheet
1Mb / 8P
   Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface and I/O
2021-01-12
logo
Schneider Electric
LV434002 SCHNEIDER-LV434002 Datasheet
154Kb / 3P
   Enerlin IFE switchboard server, Ethernet interface and gateway
logo
Red Lion Controls. Inc
ET-GT REDLION-ET-GT Datasheet
468Kb / 1P
   Ethernet Mobus Gateway
logo
Pepperl+Fuchs Inc.
VBG-PN-K20-DMD-EV2 PF-VBG-PN-K20-DMD-EV2 Datasheet
315Kb / 2P
   AS-Interface gateway
VBG-CCL-K20-D-BV PF-VBG-CCL-K20-D-BV Datasheet
352Kb / 2P
   AS-Interface gateway
VBG-DN-K20-DMD PF-VBG-DN-K20-DMD Datasheet
291Kb / 2P
   AS-Interface gateway
VBG-ENX-K20-DMD PF-VBG-ENX-K20-DMD Datasheet
1,015Kb / 4P
   AS-Interface gateway
VBG-PN-K20-D PF-VBG-PN-K20-D Datasheet
342Kb / 2P
   AS-Interface gateway
VBG-PN-K20-D-BV PF-VBG-PN-K20-D-BV Datasheet
307Kb / 2P
   AS-Interface gateway
VBG-PN-K20-D-EV24 PF-VBG-PN-K20-D-EV24 Datasheet
311Kb / 2P
   AS-Interface gateway
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com