Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT-MB-GT2AD.FF Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

No. de pieza KT-MB-GT2AD.FF
Descripción Electrónicos  Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KT-MB-GT2AD.FF Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KT-MB-GT2AD.FF Datasheet HTML 1Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 2Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 3Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 4Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Diagnostic Gateway with
Ethernet and FF-H1 Interface
KT-MB-GT2AD.FF
< System integration kit for Advanced Diagnostics
< PCS integration via Diagnostic Manager or device DTM
< Simple automatic setup of Advanced Diagnostics
< Common alarm handling
< For FOUNDATION Fieldbus and PROFIBUS PA
< Installation in Zone 2
System integration kit for Advanced Diagnostics, PCS integration via Diagnostic Manager or device DTM
®
Function
The FieldConnex® Diagnostic Gateway is the interface between stationary Advanced Diagnostic Modules (ADM) and the control system. It offers
access to all ADM data in two ways: via Ethernet and the Diagnostic Manager software or via FOUNDATION Fieldbus H1 and DTM/EDD or both.
The gateway configures itself and automatically detects the ADMs. The Diagnostic Manager automatically finds gateways on the same subnet.
The setup of the diagnostic bus and all connected modules is automatic. This significantly simplifies engineering of FieldConnex® Advanced
Diagnostics.
Connection
Zone 2/Div. 2
Bulk
Ethernet
- +
GND
FOUNDATION
fieldbus H1
Common Alarm Output
- +
Diagnostic
Bus 1
+
-
+
-
Diagnostic
Bus 2
Ethernet
FOUNDATION
fieldbus H1
Plant
Asset
Management
Alarm
Alarm Input
Alarm
Input
AD
GW
ADM
ADM
ADM
ADM
PAM/DCS
Technical Data
General specifications
Design / Mounting
Motherboard based
Supply
Rated voltage
Ur
19.2 ... 35 V DC SELV/PELV
Rated current
Ir
120 ... 70 mA
Power dissipation
max. 2.5 W
Fieldbus interface
Fieldbus type
FOUNDATION Fieldbus
Physical layer profile
profile type 114
ITK version
6
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Número de pieza similar - KT-MB-GT2AD.FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
KT-MB-GT2AD.FF.IO PF-KT-MB-GT2AD.FF.IO Datasheet
1Mb / 8P
   Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface and I/O
2021-01-12
More results

Descripción similar - KT-MB-GT2AD.FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
KT-MB-GT2AD.FF.IO PF-KT-MB-GT2AD.FF.IO Datasheet
1Mb / 8P
   Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface and I/O
2021-01-12
logo
Schneider Electric
LV434002 SCHNEIDER-LV434002 Datasheet
154Kb / 3P
   Enerlin IFE switchboard server, Ethernet interface and gateway
logo
Red Lion Controls. Inc
ET-GT REDLION-ET-GT Datasheet
468Kb / 1P
   Ethernet Mobus Gateway
logo
Pepperl+Fuchs Inc.
VBG-PN-K20-DMD-EV2 PF-VBG-PN-K20-DMD-EV2 Datasheet
315Kb / 2P
   AS-Interface gateway
VBG-CCL-K20-D-BV PF-VBG-CCL-K20-D-BV Datasheet
352Kb / 2P
   AS-Interface gateway
VBG-DN-K20-DMD PF-VBG-DN-K20-DMD Datasheet
291Kb / 2P
   AS-Interface gateway
VBG-ENX-K20-DMD PF-VBG-ENX-K20-DMD Datasheet
1,015Kb / 4P
   AS-Interface gateway
VBG-PN-K20-D PF-VBG-PN-K20-D Datasheet
342Kb / 2P
   AS-Interface gateway
VBG-PN-K20-D-BV PF-VBG-PN-K20-D-BV Datasheet
307Kb / 2P
   AS-Interface gateway
VBG-PN-K20-D-EV24 PF-VBG-PN-K20-D-EV24 Datasheet
311Kb / 2P
   AS-Interface gateway
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com