Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT-MB-GT2AD.FF Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

No. de pieza KT-MB-GT2AD.FF
Descripción Electrónicos  Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KT-MB-GT2AD.FF Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  KT-MB-GT2AD.FF Datasheet HTML 1Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 2Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 3Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 4Page - Pepperl+Fuchs Inc. KT-MB-GT2AD.FF Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F) hazardous area
-40 ... 70 °C (-40 ... 158 °F) safe area horizontal DIN rail mounting
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
< 95 % non-condensing
Shock resistance
15 g 11 ms
Vibration resistance
1 g , 10 ... 150 Hz
Pollution degree
max. 2, according to IEC 60664
Corrosion resistance
acc. to ISA-S71.04-1985, severity level G3
Mechanical specifications
Housing material
Polycarbonate
Housing width
see dimensions
Housing height
see dimensions
Housing depth
see dimensions
Degree of protection
IP20
Mass
470 g
Mounting
DIN rail mounting
Data for application in connection with hazardous areas
Certificate
TÜV 14 ATEX 115980 X
Marking
1
II 3 G Ex nA IIC T4 Gc
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012 , EN 60079-11:2012 , EN 60079-15:2010
International approvals
IECEx approval
IECEx TUN 14.0003X
Approved for
Ex nA IIC T4 Gc
General information
Supplementary information
Statement of Conformity, Declaration of Conformity, Attestation of Conformity and
instructions have to be observed where applicable. For information see www.pepperl-
fuchs.com.
Assembly
KT-MB-GT2AD.FF
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Número de pieza similar - KT-MB-GT2AD.FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
KT-MB-GT2AD.FF.IO PF-KT-MB-GT2AD.FF.IO Datasheet
1Mb / 8P
Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface and I/O
2021-01-12
More results

Descripción similar - KT-MB-GT2AD.FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
KT-MB-GT2AD.FF.IO PF-KT-MB-GT2AD.FF.IO Datasheet
1Mb / 8P
Advanced Diagnostic Gateway with Ethernet and FF-H1 Interface and I/O
2021-01-12
logo
Schneider Electric
LV434002 SCHNEIDER-LV434002 Datasheet
154Kb / 3P
Enerlin IFE switchboard server, Ethernet interface and gateway
logo
Red Lion Controls. Inc
ET-GT REDLION-ET-GT Datasheet
468Kb / 1P
Ethernet Mobus Gateway
logo
Pepperl+Fuchs Inc.
VBG-PN-K20-DMD-EV2 PF-VBG-PN-K20-DMD-EV2 Datasheet
315Kb / 2P
AS-Interface gateway
VBG-CCL-K20-D-BV PF-VBG-CCL-K20-D-BV Datasheet
352Kb / 2P
AS-Interface gateway
VBG-DN-K20-DMD PF-VBG-DN-K20-DMD Datasheet
291Kb / 2P
AS-Interface gateway
VBG-ENX-K20-DMD PF-VBG-ENX-K20-DMD Datasheet
1,015Kb / 4P
AS-Interface gateway
VBG-PN-K20-D PF-VBG-PN-K20-D Datasheet
342Kb / 2P
AS-Interface gateway
VBG-PN-K20-D-BV PF-VBG-PN-K20-D-BV Datasheet
307Kb / 2P
AS-Interface gateway
VBG-PN-K20-D-EV24 PF-VBG-PN-K20-D-EV24 Datasheet
311Kb / 2P
AS-Interface gateway
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com