Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

09-00-016-5607 Datasheet(PDF) 1 Page - HARTING Technology Group

No. de pieza 09-00-016-5607
Descripción Electrónicos  Grip panel low,screw adapter Han-Mod16B
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HARTING [HARTING Technology Group]
Página de inicio  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09-00-016-5607 Datasheet(HTML) 1 Page - HARTING Technology Group

  09-00-016-5607 Datasheet HTML 1Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
09 00 016 5607
Grip panel low,screw adapter Han-Mod16B
Grip panel low,screw adapter Han-Mod16B
Part number
09 00 016 5607
Specification
Grip panel low,screw adapter Han-
Mod16B
HARTING eCatalogue
https://b2b.harting.com/09000165607
Identification
Category
Accessories
Series
Han-Modular®
Type of accessory
Grip frame
Description of the accessory
With screw adapter and screw to use in connection with 09 00 000 5602
Version
Size
16 B
Material properties
Material (accessories)
Metal
Surface (accessories)
Zinc plated
Commercial data
Packaging size
1
Net weight
120 g
Country of origin
Germany
European customs tariff number
85389099
eCl@ss
27440392 Connector (accessories)
Page 1 / 1 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Número de pieza similar - 09-00-016-5607

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HARTING Technology Grou...
09-00-016-5603 HARTING-09-00-016-5603 Datasheet
477Kb / 2P
   Grip panel Han 16 B
2021-10-01
09-00-016-5605 HARTING-09-00-016-5605 Datasheet
521Kb / 2P
   grip panels Han-Modular 16 hinged frame
2021-10-01
More results

Descripción similar - 09-00-016-5607

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HARTING Technology Grou...
09-00-016-5603 HARTING-09-00-016-5603 Datasheet
477Kb / 2P
   Grip panel Han 16 B
2021-10-01
09-40-016-0311 HARTING-09-40-016-0311 Datasheet
491Kb / 2P
   Han 16HPR Base Panel Screw Locking
09-40-024-0311 HARTING-09-40-024-0311 Datasheet
465Kb / 2P
   Han 24HPR Base Panel Screw locking
09-40-006-0311 HARTING-09-40-006-0311 Datasheet
456Kb / 2P
   Han 6 HPR Base Panel Screw locking
09-40-006-0317 HARTING-09-40-006-0317 Datasheet
630Kb / 2P
   Han 6HPR Base Panel Screw lock. Cover
09-40-024-0317 HARTING-09-40-024-0317 Datasheet
600Kb / 2P
   Han 24HPR Base Panel Screw lock. Cover
09-40-016-0317 HARTING-09-40-016-0317 Datasheet
514Kb / 2P
   Han 16HPR Base Panel Screw lock. Cover
19-40-010-1272 HARTING-19-40-010-1272 Datasheet
456Kb / 2P
   Han 10HPR Base panel 2x M32 screw lock
19-40-010-1262 HARTING-19-40-010-1262 Datasheet
456Kb / 2P
   Han 10HPR Base panel 1x M32 screw lock
19-40-010-1212 HARTING-19-40-010-1212 Datasheet
460Kb / 2P
   Han 10HPR Base panel 1x M32 screw lock
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com