Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 7 Page - Linx Technologies

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER/DECODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINX [Linx Technologies]
Página de inicio  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXD-315-KH Datasheet(HTML) 7 Page - Linx Technologies

Back Button RXD-315-KH Datasheet HTML 3Page - Linx Technologies RXD-315-KH Datasheet HTML 4Page - Linx Technologies RXD-315-KH Datasheet HTML 5Page - Linx Technologies RXD-315-KH Datasheet HTML 6Page - Linx Technologies RXD-315-KH Datasheet HTML 7Page - Linx Technologies RXD-315-KH Datasheet HTML 8Page - Linx Technologies RXD-315-KH Datasheet HTML 9Page - Linx Technologies RXD-315-KH Datasheet HTML 10Page - Linx Technologies RXD-315-KH Datasheet HTML 11Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page 13
Page 12
AUTOMATED ASSEMBLY
For high-volume assembly most users will want to auto-place the modules. The
modules have been designed to maintain compatibility with reflow processing
techniques, however, due to the their hybrid nature certain aspects of the
assembly process are far more critical than for other component types.
Following are brief discussions of the three primary areas where caution must be
observed.
Reflow Temperature Profile
The single most critical stage in the automated assembly process is the reflow
process. The reflow profile below should not be exceeded since excessive
temperatures or transport times during reflow will irreparably damage the
modules. Assembly personnel will need to pay careful attention to the oven's
profile to ensure that it meets the requirements necessary to successfully reflow
all components while still remaining within the limits mandated by the modules
themselves. The figure below shows the recommended reflow oven profile for
the modules.
Shock During Reflow Transport
Since some internal module components may reflow along with the components
placed on the board being assembled, it is imperative that the modules not be
subjected to shock or vibration during the time solder is liquid. Should a shock
be applied, some internal components could be lifted from their pads, causing
the module to not function properly.
Washability
The modules are wash resistant, but are not hermetically sealed. Linx
recommends wash-free manufacturing, however, the modules can be subjected
to a wash cycle provided that a drying time is allowed prior to applying electrical
power to the modules. The drying time should be sufficient to allow any moisture
that may have migrated into the module to evaporate, thus eliminating the
potential for shorting damage during power-up or testing. If the wash contains
contaminants, the performance may be adversely affected, even after drying.
125
oC
60
0
0
50
100
150
200
250
300
120
180
240
300
30
90
150
210
270
330
360
180
oC
210
oC
220
oC
Time (Seconds)
Ideal Curve
Limit Curve
Forced Air Reflow Profile
1-1.5 Minutes
2-2.3 Minutes
Ramp-up
Preheat Zone
Cooling
Soak Zone
Reflow Zone
20-40 Sec.
2 Minutes Max.
Figure 19: Maximum Reflow Profile
PAD LAYOUT
The following pad layout diagram is designed to facilitate both hand and
automated assembly.
PRODUCTION GUIDELINES
The modules are housed in a hybrid SMD package that supports hand or
automated assembly techniques. Since the modules contain discrete
components internally, the assembly procedures are critical to ensuring the
reliable function of the modules. The following procedures should be reviewed
with and practiced by all assembly personnel.
HAND ASSEMBLY
The module’s primary mounting
surface is sixteen pads located on
the bottom of the module. Since
these pads are inaccessible during
mounting, castellations that run up
the side of the module have been
provided to facilitate solder wicking
to the module’s underside. This
allows for very quick hand soldering
for prototyping and small volume
production.
If the recommended pad guidelines have been followed, the pads will protrude
slightly past the edge of the module. Use a fine soldering tip to heat the board
pad and the castellation, then introduce solder to the pad at the module’s edge.
The solder will wick underneath the module providing reliable attachment. Tack
one module corner first and then work around the device taking care not to
exceed the times listed below.
Castellations
PCB Pads
Soldering Iron
Tip
Solder
Absolute Maximum Solder Times
Hand-Solder Temp. TX +225°C for 10 Seconds
Hand-Solder Temp. RX +225°C for 10 Seconds
Recommended Solder Melting Point +180°C
Reflow Oven: +220°C Max. (See adjoining diagram)
Figure 18: Soldering Technique
0.100"
0.070"
0.065"
0.610"
Figure 17: Recommended PCB Layout


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
HS SERIES DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com