Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 6 Page - Linx Technologies

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER/DECODER DATA GUIDE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINX [Linx Technologies]
Página de inicio  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXD-315-KH Datasheet(HTML) 6 Page - Linx Technologies

Back Button RXD-315-KH Datasheet HTML 2Page - Linx Technologies RXD-315-KH Datasheet HTML 3Page - Linx Technologies RXD-315-KH Datasheet HTML 4Page - Linx Technologies RXD-315-KH Datasheet HTML 5Page - Linx Technologies RXD-315-KH Datasheet HTML 6Page - Linx Technologies RXD-315-KH Datasheet HTML 7Page - Linx Technologies RXD-315-KH Datasheet HTML 8Page - Linx Technologies RXD-315-KH Datasheet HTML 9Page - Linx Technologies RXD-315-KH Datasheet HTML 10Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 11
Page 10
MICROSTRIP DETAILS
A transmission line is a medium whereby RF energy is transferred from one
place to another with minimal loss. This is a critical factor, especially in high-
frequency products like Linx RF modules, because the trace leading to the
module’s antenna can effectively contribute to the length of the antenna,
changing its resonant bandwidth. In order to minimize loss and detuning, some
form of transmission line between the antenna and the module should be used,
unless the antenna connection can be made in very close proximity (<1/8in.) to
the module. One common form of transmission line is a coax cable, another is
the Microstrip. This term refers to a PCB trace running over a groundplane that
is designed to serve as a transmission line between the module and the antenna.
The width is based on the desired characteristic impedance of the line, the
thickness of the PCB, and the dielectric constant of the board material. For
standard 0.062in thick FR-4 board material, the trace width would be 111 mils.
The correct trace width can be calculated for other widths and materials using
the information below. Handy software for calculating microstrip lines is also
available on the Linx website (www.linxtechnologies.com).
Dielectric Constant
Width/Height (W/d)
Effective Dielectric
Constant
Characteristic
Impedance
4.8
1.8
3.59
50.0
4
2
3.07
51.0
2.55
3
2.12
48.0
Trace
Board
Groundplane
Figure 16: Microstrip Formulas (Er = dielectric constant of PC board material)
BOARD LAYOUT GUIDELINES
If you are at all familiar with RF devices you may be concerned about specialized
board layout requirements. Fortunately, because of the care taken by Linx in
designing the modules, integrating them is very straightforward. Despite this
ease of application it is still necessary to maintain respect for the RF stage and
exercise appropriate care in layout and application in order to maximize
performance and ensure reliable operation. The antenna can also be influenced
by layout choices. Please review this manual in its entirety prior to beginning
your design. By adhering to good layout principles and observing some basic
design rules you well along on the path to RF success.
The adjacent figure shows the suggested PCB
footprint for the module. The actual pad
dimensions are shown in the Pad Layout
section of this manual. A groundplane (as large
as possible) should be placed on a lower layer
of your PC board opposite the module. This
groundplane can also be critical to the
performance of your antenna, which will be
discussed later in the manual. There should not
be any ground or traces under the module on
the same layer as the module, just bare PCB.
During prototyping, the module should be soldered to a properly laid-out circuit
board. The use of prototyping or "perf" boards will result in horrible performance
and is strongly discouraged.
No conductive items should be placed within 0.15in of the module’s top or sides.
Do not route PCB traces directly under the module. The underside of the module
has numerous signal-bearing traces and vias that could short or couple to traces
on the product's circuit board.
The module’s ground lines should each have their own via to the ground plane
and be as short as possible.
AM/OOK receivers are particularly subject to noise. The module should, as much
as reasonably possible, be isolated from other components on your PCB,
especially high-frequency circuitry such as crystal oscillators, switching power
supplies and high-speed bus lines. Make sure internal wiring is routed away from
the module and antenna, and is secured to prevent displacement.
The power-supply filter should be placed close to the module's Vcc line.
In some instances, a designer may wish to encapsulate or "pot" the product.
Many Linx customers have done this successfully; however, there are a wide
variety of potting compounds with varying dielectric properties. Since such
compounds can considerably impact RF performance it is the responsibility of
the designer to carefully evaluate and qualify the impact and suitability of such
materials.
The trace from the module to the antenna should be kept as short as possible.
A simple trace is suitable for runs up to 1/8 inch for antennas with wide
bandwidth characteristics. For longer runs or to avoid detuning narrow bandwidth
antennas, such as a helical, use a 50-ohm coax or 50-ohm microstrip
transmission line as described in the following section.
GROUNDPLANE
GROUNDPLANE
ON LOWER LAYER
ON LOWER LAYER
GROUNDPLANE
ON LOWER LAYER
Figure 15: Suggested PCB Layout


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
HS SERIES DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com