Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 4 Page - Linx Technologies

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER/DECODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINX [Linx Technologies]
Página de inicio  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXD-315-KH Datasheet(HTML) 4 Page - Linx Technologies

  RXD-315-KH Datasheet HTML 1Page - Linx Technologies RXD-315-KH Datasheet HTML 2Page - Linx Technologies RXD-315-KH Datasheet HTML 3Page - Linx Technologies RXD-315-KH Datasheet HTML 4Page - Linx Technologies RXD-315-KH Datasheet HTML 5Page - Linx Technologies RXD-315-KH Datasheet HTML 6Page - Linx Technologies RXD-315-KH Datasheet HTML 7Page - Linx Technologies RXD-315-KH Datasheet HTML 8Page - Linx Technologies RXD-315-KH Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 7
Page 6
DECODER OPERATION
The KH Series receiver internally utilizes the
HT658 decoder from Holtek. The decoders
receive data transmitted by the encoders and
interpret the first 10 bits of the code period as
address and the last 8 bits as data. A signal
on the DATA line then activates the oscillator,
which in turns decodes the incoming address
and data. The decoders will check the
received address twice continuously. If the
received
address
code
matches
the
decoder’s local address, the 8 bits of data are
replicated on the output lines, and the VT line
is set high to indicate the reception of a valid
transmission. That will last until the address
code is incorrect or no signal has been
received. The VT line is high only when the
transmission is valid, otherwise it is low
always. The output type is momentary. The
data outputs follow the encoder during a valid
transmission and then reset.
The oscillator is disabled in the standby state
and activated as long as a logic “high” signal
is applied to the DATA line so the DATA line
should be kept “low” if there is no signal input.
SETTING THE RECEIVER ADDRESS
The module provides ten tri-state address lines. This allows for the formation of
up to 310 or 59,049 unique receiver-transmitter relationships. Tri-state means
that the address lines have three distinct states: high, low, and floating. These
lines may be hardwired or configured via a microprocessor, DIP switch or
jumpers.
The receiver's address line states must match the transmitter’s exactly for a
transmission to be recognized. If the transmitted address does not match the
receiver’s local address, then the receiver will take no action.
Power On
Standby Mode
Code In?
No
No
No
No
No
Yes
Yes
Yes
Yes
Yes
Address Bits
Matched?
Disable VT &
Ignore the Rest of
This Word
Store Data
Match
Previous Stored
Data?
2 Times
of Checking
Completed?
Data to Output &
Activate VT
Address or
Data Error?
Check
Check
< 1 Word
3 Words
Transmitted Continuously
3 Words
1/2 Clock Time
Decoder
Data Out
Decoder VT
Encoder
Data Out
Encoder
Transmit
Enable
1/2 Clock Time
2 Words
2
14
Clocks
2
14
Clocks
Figure 9: Decoder Flowchart
Figure 10: Encoder/Decoder Timing Diagram
THE DATA OUTPUTS
When data is received and the incoming address data matches with the local
address settings, the module’s eight data output lines are set to replicate the
state of the transmitter’s data lines. In addition, the valid transmission line (VT,
pin 11) will go high to indicate reception and decoding of the data. The data lines
have a low sink and source capability so external buffering is generally required
if loads are to be driven directly.
In addition to the decoded data outputs, raw data is also available via a CMOS-
compatible data output (DATA, pin 10). The output of this pad is the actual
received data stream from the receiver and is always active regardless of
address line status. It is made available for troubleshooting or monitoring internal
data flow. It can also be used in mixed mode systems where data may come
from another source in addition to a KH Series transmitter module. This data can
then be channeled to an external processor for decoding.
RECEIVING DATA
Although the internal decoder handles all of the decoding and output for
transmissions from a KH Series transmitter or an OEM transmitter, the KH series
receiver will output the raw received data on the DATA line. This allows the
designer to create a mixed system of KH transmitters and OEM transmitters for
encoded data as well as LC Series or LR Series transmitters for custom data.
When using the KH for custom data transmissions, it is important to realize that
there is no encoding or decoding done internally. It is up to the designer to
implement a noise tolerant protocol to ensure the integrity of the data. The
section titled Protocol Guidelines in this manual will give some suggestions as
well as application note #AN00160.
The KH Receiver uses the LC Series receiver, which has a CMOS compatible
output capable of directly driving a microprocessor, RS232 level converter, or a
Linx QS Series USB module. The LC Series receiver manual can be consulted
for more details on the operation of the receiver itself.
POWER SUPPLY REQUIREMENTS
The module does not have an internal voltage
regulator; therefore it requires a clean, well-regulated
power source. While it is preferable to power the unit
from a battery, the unit can also be operated from a
power supply as long as noise and ‘hash’ are less than
20mV. Power supply noise will manifest itself as noise
and can significantly affect the receiver sensitivity,
therefore, providing a clean power supply for the
module should be a high design priority.
A 10
Ω resistor in series with the supply followed by a 10µF tantalum capacitor
from Vcc to ground will help in cases where the quality of supply power is poor.
Note that operation from 4.3 to 5.2 volts requires the use of an external 330
resistor placed in-line with the supply to prevent Vcc from exceeding 3.6 volts,
so the dropping resistor can take the place of the 10
Ω resistor in the supply filter.
These values may need to be adjusted depending on the noise present on the
supply line.
10
10
µF
Vcc IN
Vcc TO
MODULE
Figure 11: Supply Filter


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
HS SERIES DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com