Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 3 Page - Linx Technologies

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER/DECODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINX [Linx Technologies]
Página de inicio  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXD-315-KH Datasheet(HTML) 3 Page - Linx Technologies

  RXD-315-KH Datasheet HTML 1Page - Linx Technologies RXD-315-KH Datasheet HTML 2Page - Linx Technologies RXD-315-KH Datasheet HTML 3Page - Linx Technologies RXD-315-KH Datasheet HTML 4Page - Linx Technologies RXD-315-KH Datasheet HTML 5Page - Linx Technologies RXD-315-KH Datasheet HTML 6Page - Linx Technologies RXD-315-KH Datasheet HTML 7Page - Linx Technologies RXD-315-KH Datasheet HTML 8Page - Linx Technologies RXD-315-KH Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 5
Page 4
PIN ASSIGNMENTS
NC
D0
D1
NC
NC
A9
A8
A7
A6
D2
GND
VCC
PDN
D3
ANT
GND
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
D4
DATA
VT
A3
A2
A1
A0
D5
D6
D7
A5
A4
9
10
11
12
13
14
15
16
17
18
19
20
Figure 7: KH Series Receiver Pinout (Top View)
Pin #
Name
Description
1
N/C
No Connection. For physical support only.
2, 3, 7, 8,
9, 12, 13,
14
D0 - D7
Data Output Lines. Upon a valid transmission these lines
will be set to replicate the state of the transmitter’s address
lines.
4
GND
Analog Ground
5
VCC
Supply Voltage
6
PDN
Power Down. Pulling this line low will place the receiver into
a low-current state. The module will not be able to receive a
signal in this state.
10
DATA
Data output of the receiver prior to the encoder.
11
VT
Valid Transmission. This line will go high when a valid
transmission is received.
15 - 24
A0 - A9
Address Lines. The state of these lines must match the
state of the transmitter’s address lines in order for a
transmission to be accepted.
25
N/C
No Connection. For physical support only.
26
N/C
No Connection. For physical support only.
27
GND
Analog Ground
28
RF IN
50-ohm RF Input
PIN DESCRIPTIONS
MODULE DESCRIPTION
The KH Series module combines the popular Linx LC Series receiver with a
decoder IC in a convenient SMD package. The module is ideal for general-
purpose remote control and command applications. When paired with a
matching Linx KH Series transmitter/encoder a highly reliable RF link capable of
transferring control and command over line-of-sight distances in excess of 300
feet (90m) is formed. The on-board receiver/decoder combination provides eight
switched outputs that correspond to the state of the data lines on the
transmitter’s encoder. Ten tri-state address lines are also provided to allow up to
59,049 unique identification codes.
THEORY OF OPERATION
The KH Series receiver module is designed to receive transmissions from a
matching KH Series transmitter module or other compatible Linx transmitter
product. When transmitted data is received, the data is presented to the on-
board decoder. If the incoming address data matches the local address settings,
the decoder's outputs are set to replicate the states of the transmitter’s data
lines.
The RF section of the KH module utilizes an advanced single-conversion
superhet design that incorporates a Surface Acoustic Wave (SAW) device, high
IF frequency and multi-layer ceramic filters. The SAW device provides a highly
accurate Local Oscillator (LO) frequency source with excellent immunity to
frequency shift due to age or temperature. The use of SAW devices in both the
KH transmitter and receiver modules allows the receiver’s pass opening to be
quite narrow, thus increasing sensitivity and reducing susceptibility to near-band
interference.
Band Select
Filter
pre-
amplifier
AM Detector
SAW Local Oscillator
Gilbert Cell
Mixer/Amp
Limiting Amp
Data Slicer
DATA
50
Ω RF IN
(Ant.)
10.7MHz
Bandpass Filter
10.7MHz
Ceramic Filter
Oscillator
Buffer
Sync.
Detector
Comparator
Comparator
Data
Collector
Divider
8-bit
Shift
Register
D0
D1
D2
D3
D4
D5
D7
D6
Latch
Circuit
AND
Circuit
Buffer
Control
Logic
10 Transmission Gate Circuit
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9
RF Stage
Decoder Stage
Figure 8: KH Series Receiver Block Diagram


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
HS SERIES DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com