Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 2 Page - Linx Technologies

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER/DECODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINX [Linx Technologies]
Página de inicio  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXD-315-KH Datasheet(HTML) 2 Page - Linx Technologies

  RXD-315-KH Datasheet HTML 1Page - Linx Technologies RXD-315-KH Datasheet HTML 2Page - Linx Technologies RXD-315-KH Datasheet HTML 3Page - Linx Technologies RXD-315-KH Datasheet HTML 4Page - Linx Technologies RXD-315-KH Datasheet HTML 5Page - Linx Technologies RXD-315-KH Datasheet HTML 6Page - Linx Technologies RXD-315-KH Datasheet HTML 7Page - Linx Technologies RXD-315-KH Datasheet HTML 8Page - Linx Technologies RXD-315-KH Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page 3
Page 2
ELECTRICAL SPECIFICATIONS
*CAUTION*
This product incorporates numerous static-sensitive components.
Always wear an ESD wrist strap and observe proper ESD handling
procedures when working with this device. Failure to observe this
precaution may result in module damage or failure.
ABSOLUTE MAXIMUM RATINGS
Supply voltage VCC
-0.3
to
+4.2
VDC
Supply voltage VCC, using resistor
-0.3
to
+5.2
VDC
Any input or output Pin
-0.3
to
3.6
VDC
RF input
0
dBm
Operating temperature
-30
to
+70
°C
Storage temperature
-45
to
+85
°C
Soldering temperature
+225°C for 10 seconds
*NOTE* Exceeding any of the limits of this section may lead to permanent
damage to the device. Furthermore, extended operation at these maximum
ratings may reduce the life of this device.
1. *CRITICAL* In order to operate the device over this range it is necessary for a 200
Ω resistor to be
placed in series with Vcc.
2. Potential rate of data recovered on the DATA line (pin 10). The decoder rate is internally fixed at about
2kbps.
3. When operating from a 5V source it is important to consider that the output will swing to well less than 5
volts as a result of the required dropping resistor. Please verify that the minimum voltage will meet the
high threshold requirement of the device to which data is being sent.
4. Vcc referenced to voltage on the Vcc pin, after dropping resistor
5. For a BER of 10-5 at 4800 baud. Sensitivity is affected by antenna SWR.
6. Time to valid data output.
7. Maximum drive capability of data outputs.
Notes
Table 1: KH Series Receiver Electrical Specifications
P
Pa
arra
am
me
ette
err
D
De
es
siig
gn
na
attiio
on
n
M
Miin
n..
T
Ty
yp
piic
ca
all
M
Ma
ax
x..
U
Un
niitts
s
N
No
otte
es
s
POWER SUPPLY
Operating Voltage
VCC
2.7
3.0
4.2
VDC
With Dropping Resistor
4.7
5.0
5.2
VDC
1
Supply Current
ICC
5.0
7.0
8.0
mA
Power-down Current
IPDN
700
950
µA
RECEIVER SECTION
Receive Frequency
FC
RXD-315-KH
315
MHz
RXD-418-KH
418
MHz
RXD-433-KH
433.92
MHz
Center Frequency Accuracy
-75
+75
kHz
IF
––
10.7
MHz
Noise Bandwidth
N3DB
280
kHz
2
Data Rate
100
5,000
bps
Data Output
Logic Low
VOL
0.0
0.3
VDC
3
Logic High
VOH
VCC-0.3
VCC
VDC
3,4
Receiver Sensitivity
-92
-102
-106
dBm
4
ANTENNA PORT
RF Input Impedance
RIN
50
TIMING
Receiver Turn-On Time:
Via Vcc
5
7
10.5
mSec
5
DECODER
TX Data Length
26 bits 3x
Average Data Duty Cycle
50%
Decoder Oscillator
FENC
70
kHz
Output Drive Current
0.6
1
1.2
mA
6
ENVIRONMENTAL
Operating Temperature Range
-30
+70
°C–
PERFORMANCE DATA
These performance parameters are
based on module operation at 25°C
from
a
3.0VDC
supply
unless
otherwise noted. Figure 2 at the right
illustrates
the
connections
necessary for testing and operation.
It is recommended all ground pins
be connected to the groundplane.
The pins marked NC have no
electrical
connection
and
are
designed only to add physical
support.
Figure 2: Test/Basic Application Circuit
NC
D0
D1
GND
VCC
PDN
D2
D3
D4
DATA
VT
D5
ANT
GND
NC
NC
A9
A8
A7
A6
A5
A4
A3
A2
D6
A1
D7
A0
1
2
3
4
5
6
7
8
9
10
11
28
27
26
25
24
23
22
21
20
19
18
17
16
15
12
13
14
3VDC
5VDC
200
External
Resistor
TYPICAL PERFORMANCE GRAPHS
3.0
3.0
2.5
2.5
1.0
1.0
0
0.18
0.18 0.5
0.5 0.9
0.9 1.25
1.25 1.94
1.94 2.53
2.53
2.0
2.0
1.5
1.5
Sensitivity Decrease (dB)
Sensitivity Decrease (dB)
4.0
4.0
6.0
6.0
5.0
5.0
10.0
10.0
3.10
3.10 4.80
4.80
2.7
2.7
3
3.5
3.5
4
Supply Voltage (V)
Supply Voltage (V)
16
16
12
12
0
8
4
Figure 3: Sensitivity vs. VSWR
Figure 4: Consumption vs. Supply Voltage
Figure 5: RF In vs. Receiver Response Time
Figure 6: Receiver Turn-off Time
Data Out
Carrier
Data Out
Carrier


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
HS SERIES DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com