Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 10 Page - Linx Technologies

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER/DECODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINX [Linx Technologies]
Página de inicio  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXD-315-KH Datasheet(HTML) 10 Page - Linx Technologies

Back Button RXD-315-KH Datasheet HTML 3Page - Linx Technologies RXD-315-KH Datasheet HTML 4Page - Linx Technologies RXD-315-KH Datasheet HTML 5Page - Linx Technologies RXD-315-KH Datasheet HTML 6Page - Linx Technologies RXD-315-KH Datasheet HTML 7Page - Linx Technologies RXD-315-KH Datasheet HTML 8Page - Linx Technologies RXD-315-KH Datasheet HTML 9Page - Linx Technologies RXD-315-KH Datasheet HTML 10Page - Linx Technologies RXD-315-KH Datasheet HTML 11Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Page 19
Page 18
ACHIEVING A SUCCESSFUL RF IMPLEMENTATION
Adding an RF stage brings an exciting new
dimension to any product. It also means that
additional effort and commitment will be needed to
bring the product successfully to market. By utilizing
premade RF modules, such as the KH Series, the
design and approval process is greatly simplified. It
is still important, however, to have an objective view
of the steps necessary to ensure a successful RF
integration. Since the capabilities of each customer
vary widely, it is difficult to recommend one
particular design path, but most projects follow steps
similar to those shown at the right.
In reviewing this sample design path you may notice
that Linx offers a variety of services, such as
antenna design and FCC prequalification, that are
unusual for a high-volume component manufacturer.
These services, along with an exceptional level of
technical support, are offered because we recognize
that RF is a complex science requiring the highest
caliber of products and support. “Wireless Made
Simple” is more than just a motto, it’s our
commitment. By choosing Linx as your RF partner
and taking advantage of the resources we offer, you
will not only survive implementing RF, you may even find the process enjoyable.
HELPFUL APPLICATION NOTES FROM LINX
It is not the intention of this manual to address in depth many of the issues that
should be considered to ensure that the modules function correctly and deliver
the maximum possible performance. As you proceed with your design you may
wish to obtain one or more of the following application notes, which address in
depth key areas of RF design and application of Linx products. These
applications notes are available on-line at www.linxtechnologies.com or by
contacting the Linx literature department.
DECISION TO UTILIZE RF IS MADE
RESEARCH RF OPTIONS
LINX MODULE IS CHOSEN
ORDER EVALUATION KIT(S)
TEST MODULE(S) WITH
BASIC HOOKUP
INTERFACE TO CHOSEN
CIRCUIT AND DEBUG
CONSULT LINX REGARDING
ANTENNA OPTIONS AND DESIGN
LAY OUT BOARD
SEND PRODUCTION-READY
PROTOTYPE TO LINX
FOR EMC PRESCREENING
OPTIMIZE USING RF SUMMARY
GENERATED BY LINX
SEND TO PART 15
TEST FACILITY
RECEIVE FCC ID #
COMMENCE SELLING PRODUCT
TYPICAL STEPS FOR
IMPLEMENTING RF
00100
RF 101: Information For The RF Challenged
00125
Considerations For Operation In The 260MHz to 470MHz Band
00130
Modulation Techniques For Low-Cost RF Data Links
00140
The FCC Road: Part 15 From Concept To Approval
00150
Use And Design Of T-Attenuation Pads
00160
Considerations For Sending Data Over A Wireless Link
00300
Addressing Linx OEM Products
00500
Antennas: Design, Application, And Performance
NOTE #
LINX APPLICATION NOTE TITLE
LEGAL CONSIDERATIONS
When working with RF, a clear distinction must be made between what is technically
possible and what is legally acceptable in the country where operation is intended. Many
manufacturers have avoided incorporating RF into their products as a result of
uncertainty and even fear of the approval and certification process. Here at Linx our
desire is not only to expedite the design process, but also to assist you in achieving a
clear idea of what is involved in obtaining the necessary approvals to legally market your
completed product.
In the United States the approval process is actually quite straightforward. The
regulations governing RF devices and the enforcement of them are the responsibility of
the Federal Communications Commission (FCC). The regulations are contained in the
Code of Federal Regulations (CFR), Title 47. Title 47 is made up of numerous volumes,
however, all regulations applicable to this module are contained in volume 0-19. It is
strongly recommended that a copy be obtained from the Government Printing Office in
Washington, or from your local government bookstore. Excerpts of applicable sections
are included with Linx evaluation kits or may be obtained from the Linx Technologies web
site (www.linxtechnologies.com). In brief, these rules require that any device that
intentionally radiates RF energy be approved, that is, tested, for compliance and issued
a unique identification number. This is a relatively painless process. Linx offers full EMC
pre-compliance testing in our HP/Emco-equipped test center. Final compliance testing is
then performed by one of the many independent testing laboratories across the country.
Many labs can also provide other certifications that the product may require at the same
time, such as UL, CLASS A/B, etc. Once your completed product has passed, you will be
issued an ID number that is then clearly placed on each product manufactured.
Questions regarding interpretations of the Part 2 and Part 15 rules or measurement
procedures used to test intentional radiators, such as Linx RF modules, for compliance
with the Part 15 technical standards, should be addressed to:
Federal Communications Commission
Equipment Authorization Division
Customer Service Branch, MS 1300F2
7435 Oakland Mills Road
Columbia, MD 21046
Tel: (301) 725-1585 / Fax: (301) 344-2050 E-Mail: labinfo@fcc.gov
International approvals are slightly more complex, although many modules are designed
to allow all international standards to be met. If you are considering the export of your
product abroad, you should contact Linx Technologies to determine the specific suitability
of the module to your application.
All Linx modules are designed with the approval process in mind and thus much of the
frustration that is typically experienced with a discrete design is eliminated. Approval is
still dependent on many factors, such as the choice of antennas, correct use of the
frequency selected, and physical packaging. While some extra cost and design effort are
required to address these issues, the additional usefulness and profitability added to a
product by RF makes the effort more than worthwhile.
N
NO
OT
TE
E:: Linx RF modules are designed as component devices that require
external components to function. The modules are intended to allow for full Part
15 compliance, however, they are not approved by the FCC or any other agency
worldwide. The purchaser understands that approvals may be required prior to
the sale or operation of the device, and agrees to utilize the component in keeping
with all laws governing its use in the country of operation.


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
HS SERIES DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com