Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 1 Page - Linx Technologies

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER/DECODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINX [Linx Technologies]
Página de inicio  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXD-315-KH Datasheet(HTML) 1 Page - Linx Technologies

  RXD-315-KH Datasheet HTML 1Page - Linx Technologies RXD-315-KH Datasheet HTML 2Page - Linx Technologies RXD-315-KH Datasheet HTML 3Page - Linx Technologies RXD-315-KH Datasheet HTML 4Page - Linx Technologies RXD-315-KH Datasheet HTML 5Page - Linx Technologies RXD-315-KH Datasheet HTML 6Page - Linx Technologies RXD-315-KH Datasheet HTML 7Page - Linx Technologies RXD-315-KH Datasheet HTML 8Page - Linx Technologies RXD-315-KH Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DESCRIPTION
The KH Series is ideally suited for volume use in
OEM
applications
such
as
remote
control/command
and
keyless
entry.
It
combines an RF receiver with an on-board
decoder. When paired with a matching KH
Series transmitter/encoder module, a highly
reliable wireless link is formed, capable of
transferring the status of 8 parallel inputs along
for distances in excess of 300 feet. Ten tri-state
address lines provide 310 different addresses for
security and uniqueness. Housed in a compact
SMD package, the KH module utilizes a highly
optimized SAW architecture to achieve an
unmatched
blend
of
performance,
size,
efficiency,
and
cost.
No
external
RF
components, except an antenna, are required,
making design integration straightforward.
KH SERIES RECEIVER/DECODER DATA GUIDE
WIRELESS MADE SIMPLE
Revised 12/31/04
Figure 1: Package Dimensions
0.630"
1.430"
LOT 1000
RF RECEIVER/DECODER
0.18"
RXD-418-KH
Remote Control/Command
Keyless Entry
Garage/Gate Openers
Lighting Control
Call Systems
Home/Industrial Automation
Fire/Security Alarms
Remote Status Monitoring
Wire Elimination
APPLICATIONS INCLUDE
Low cost
On-board decoder
8 parallel binary outputs
310 addresses for security and
uniqueness
No external RF components
required
Ultra-low power consumption
Compact SMD package
Stable SAW-based architecture
Received data output
Transmission validation
No production tuning
FEATURES
PART #
DESCRIPTION
EVAL-***-KH
Basic Evaluation Kit
TXE-315-KH
Transmitter/Encoder 315 MHz
TXE-418-KH
Transmitter/Encoder 418 MHz
TXE-433-KH
Transmitter/Encoder 433 MHz
RXD-315-KH
Receiver/Decoder 315 MHz
RXD-418-KH
Receiver/Decoder 418 MHz
RXD-433-KH
Receiver/Decoder 433 MHz
*** Insert Frequency
Receivers are supplied in tubes of 20 pcs.
ORDERING INFORMATION
RXD-315-KH
RXD-418-KH
RXD-433-KH


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
HS SERIES DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com