Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 9 Page - Linx Technologies

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER/DECODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINX [Linx Technologies]
Página de inicio  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXD-315-KH Datasheet(HTML) 9 Page - Linx Technologies

Back Button RXD-315-KH Datasheet HTML 3Page - Linx Technologies RXD-315-KH Datasheet HTML 4Page - Linx Technologies RXD-315-KH Datasheet HTML 5Page - Linx Technologies RXD-315-KH Datasheet HTML 6Page - Linx Technologies RXD-315-KH Datasheet HTML 7Page - Linx Technologies RXD-315-KH Datasheet HTML 8Page - Linx Technologies RXD-315-KH Datasheet HTML 9Page - Linx Technologies RXD-315-KH Datasheet HTML 10Page - Linx Technologies RXD-315-KH Datasheet HTML 11Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 17
Page 16
ON-LINE RESOURCES
• Latest News
• Data Guides
• Application Notes
• Knowledge Base
• Software Updates
If you have questions regarding any Linx product and have Internet access,
make www.linxtechnologies.com your first stop. Our website is organized in an
intuitive format to give you the answers you need in record time. Day or night,
the Linx website gives you instant access to the latest information regarding the
products and services of Linx. It's all here: manual and software updates,
application notes, a comprehensive knowledge base, FCC information and much
more. Be sure to visit often!
www.antennafactor.com
The Antenna Factor division of Linx offers
a diverse array of antenna styles, many of
which are optimized for use with our RF
modules. From innovative embeddable
antennas to low-cost whips, domes to
yagi's, and even GPS, Antenna Factor
likely offers or can design an antenna to
meet your requirements.
www.connectorcity.com
Through its Connector City division, Linx offers a wide
selection of high-quality RF connectors, including FCC-
compliant types such as RP-SMAs that are an ideal
match for our modules and antennas. Connector City
focuses on high-volume OEM requirements, which
allows standard and custom RF connectors to be offered
at a remarkably low cost.
www.linxtechnologies.com
A whip-style antenna provides outstanding overall performance
and stability. A low-cost whip is can be easily fabricated from a
wire or rod, but most designers opt for the consistent
performance and cosmetic appeal of a professionally made
model. To meet this need, Linx offers a wide variety of straight
and reduced height whip-style antennas in permanent and
connectorized mounting styles.
The wavelength of the operational frequency determines an
antenna’s overall length. Since a full wavelength is often quite
long, a partial 1/2- or 1/4-wave antenna is normally employed.
Its size and natural radiation resistance make it well matched to
Linx modules. The proper length for a straight 1/4-wave can be
easily determined using the formula below. It is also possible to
reduce the overall height of the antenna by using a helical
winding. This reduces the antenna’s bandwidth, but is a great
way to minimize the antenna’s physical size for compact
applications. This also means that the physical appearance is
not always an indicator of the antenna's frequency.
Linx offers a wide variety of specialized antenna styles and
variations. Many of these styles utilize helical elements to
reduce the overall antenna size while maintaining
reasonable performance. A helical antenna's bandwidth is
often quite narrow and the antenna can detune in proximity
to other objects, so care must be exercised in layout and
placement.
Whip Style
Loop Style
L =
234
F MHz
Where:
L = length in feet of
quarter-wave length
F = operating frequency
in megahertz
Specialty Styles
A loop- or trace-style antenna is normally printed directly on a
product's PCB. This makes it the most cost-effective of antenna
styles. The element can be made self-resonant or externally
resonated with discrete components but its actual layout is usually
product specific. Despite the cost advantages, loop-style antennas
are generally inefficient and useful only for short-range
applications. They are also very sensitive to changes in layout and
PCB dielectric, which can cause consistency issues during
production. In addition, printed styles are difficult to engineer,
requiring the use of expensive equipment including a network
analyzer. An improperly designed loop will have a high SWR at the
desired frequency, which can cause instability in the RF stage.
Linx offers low-cost planar and chip antennas that mount directly
to a product's PCB. These tiny antennas do not require testing and
provide excellent performance in light of their small size. They
offer a preferable alternative to the often-problematic "printed"
antenna.
COMMON ANTENNA STYLES
There are literally hundreds of antenna styles and variations that can be
employed with Linx RF modules. Following is a brief discussion of the styles
most commonly utilized. Additional antenna information can be found in Linx
application notes #00100, #00140, and #00500. Linx offers a broad line of
antennas and connectors that offer outstanding performance for low cost.


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
KH SERIES RECEIVER / DECODER DATA
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
LICAL-ENC-HS001 ETC2-LICAL-ENC-HS001 Datasheet
399Kb / 1P
HS SERIES DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com