Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G-LINK-200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza G-LINK-200
Descripción Electrónicos  Wireless 8 Channel Analog Input Sensor Node
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

G-LINK-200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G-LINK-200 Datasheet HTML 1Page - List of Unclassifed Manufacturers G-LINK-200 Datasheet HTML 2Page - List of Unclassifed Manufacturers G-LINK-200 Datasheet HTML 3Page - List of Unclassifed Manufacturers G-LINK-200 Datasheet HTML 4Page - List of Unclassifed Manufacturers G-LINK-200 Datasheet HTML 5Page - List of Unclassifed Manufacturers G-LINK-200 Datasheet HTML 6Page - List of Unclassifed Manufacturers G-LINK-200 Datasheet HTML 7Page - List of Unclassifed Manufacturers G-LINK-200 Datasheet HTML 8Page - List of Unclassifed Manufacturers G-LINK-200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
V-Link®-200 User Manual
5.2 Optimizing the Radio Link
34
5.2.1 Range Test
35
6.
Connecting Sensors
36
6.1 Sensor Requirements
36
6.2 Wiring Recommendations
37
6.3 Sensor Power
38
6.4 Node Channels Designations
38
6.5 Terminal Block Connections
39
6.6 Pin Descriptions
40
6.7 Differential Input Channels
41
6.7.1 Differential Sensors
42
6.7.2 Differential Channel Raw Voltage
44
6.7.3 Measuring Small Voltages
45
46
47
48
49
6.8 Single-Ended Input Channels
6.8.1 Measuring Small Currents (4 to 20mA Sensors)
6.9 Using the Excitation Output as a Switch
6.1
0 Connecting Accelerometers
6.1
1 On-board Temperature Sensor
49
7.
Sensor Settings
50
7.1 Sensor Calibration
5
1
7.1.1 EXAMPLE: Internal Shunt Calibration
5
3
7.1.2 Calibration Lab or Field
5
6
7.1.3 Manufacturer Calibration
6
0
7.2 Sensor Conversion Values
6
1
7.2.1 Calculating a Linear Slope
6
5
7.2.2 Differential Input Gain and Offset
6
7


Descripción similar - G-LINK-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
V-LINK-200 ETC1-V-LINK-200 Datasheet
715Kb / 2P
   Wireless 8 Channel Analog Input Sensor Node
logo
Murata Manufacturing Co...
SN90RC-4 MURATA-SN90RC-4 Datasheet
830Kb / 5P
   4 Analog Channel, Battery Powered Wireless Sensor Node
logo
Advantech Co., Ltd.
ADAM-2051Z ADVANTECH-ADAM-2051Z Datasheet
1Mb / 1P
   Wireless 8-ch Digital Input Node
ADAM-2051Z ADVANTECH-ADAM-2051Z_15 Datasheet
309Kb / 1P
   Wireless Sensor Network 8-ch Digital Input Node with Power Amplifier
ADAM-2017PZ ADVANTECH-ADAM-2017PZ_15 Datasheet
237Kb / 1P
   Wireless 6-ch Analog Input Node with Power Amplifier
ADAM-2632Z ADVANTECH-ADAM-2632Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
ADAM-2051PZ ADVANTECH-ADAM-2051PZ Datasheet
1Mb / 1P
   Wireless 8-ch Digital Input Node with Power Amplifier
logo
Cypress Semiconductor
S6AE102A CYPRESS-S6AE102A Datasheet
2Mb / 36P
   Energy Harvesting PMIC for Wireless Sensor Node
logo
Advantech Co., Ltd.
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
   Wireless IoT Node
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com