| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS31256 Datasheet(PDF) 107 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 107 Page - Maxim Integrated Products |
|
107 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 107 of 183 Priority Packets The host has the option to change the order in which packets are transmitted by the DMA. If the host sets the priority packet (PRI) bit in the pending-queue descriptor to 1, the transmit DMA knows that this packet is a priority packet and should be transmitted ahead of all standard packets. The rules for packet transmission are as follows: 1) Priority packets are transmitted as soon as the current standard packet (not packet chain) finishes transmission. 2) All priority packets are transmitted before any more standard packets are transmitted. 3) Priority packets are ordered on a first come, first served basis. Figure 9-13 shows an example of a set of priority packets interrupting a set of standard packets. In the example, the first priority packet chain (shown in column 2) was read by the transmit DMA from the pending queue while it was transmitting standard packet #1. It waited until standard packet #1 was complete and then began sending the priority packets. While column 2 was being sent, the priority packet chains of columns 3 and 4 arrived in the pending queue, so the transmit DMA linked column four to column three and then waited until all of the priority packets were transmitted before returning to the standard packet chain in column 1. Note that the packet chain in column 1 was interrupted to transmit the priority packets. In other words, the transmit DMA did not wait for the complete packet to finish transmitting, only the current packet. |