| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Z8F082ASH020SC Datasheet(PDF) 161 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Datasheet(HTML) 161 Page - Zilog, Inc. |
|
161 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Flash Option Bits Z8 Encore! XP® F08xA Series Product Specification 143 TS_FINE—Temperature Sensor Fine Control Trim Bits Contains fine control offset trimming bits for Temperature Sensor. Reserved—Must be 1. TS_ULTRAFINE—Temperature Sensor Ultra Fine Control Trim Bits Contains ultra fine control offset trimming bits for Temperature Sensor. Trim Bit Address 0001H Reserved—Must be 1. TS_COARSE—Temperature Sensor Coarse Control Trim Bits Contains coarse control offset trimming bits for Temperature Sensor. Trim Bit Address 0002H IPO_TRIM—Internal Precision Oscillator Trim Byte Contains trimming bits for Internal Precision Oscillator. Table 90. Trim Option Bits at 0001H (TTEMP1) BITS 7 6 5 4 3 2 1 0 FIELD Reserved TS_COARSE RESET U U U UUU UU R/W R/WR/W R/WR/W R/WR/W R/WR/W ADDR Information Page Memory 0021H Note: U = Unchanged by Reset. R/W = Read/Write. Table 91. Trim Option Bits at 0002H (TIPO) BITS 7 6 5 4 3 2 1 0 FIELD IPO_TRIM RESET U R/W R/W ADDR Information Page Memory 0022H Note: U = Unchanged by Reset. R/W = Read/Write. |