Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS08 Datasheet(PDF) 208 Page - NXP Semiconductors

No. de pieza HCS08
Descripción Electrónicos  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 208 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 204Page - NXP Semiconductors HCS08 Datasheet HTML 205Page - NXP Semiconductors HCS08 Datasheet HTML 206Page - NXP Semiconductors HCS08 Datasheet HTML 207Page - NXP Semiconductors HCS08 Datasheet HTML 208Page - NXP Semiconductors HCS08 Datasheet HTML 209Page - NXP Semiconductors HCS08 Datasheet HTML 210Page - NXP Semiconductors HCS08 Datasheet HTML 211Page - NXP Semiconductors HCS08 Datasheet HTML 212Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
208
Freescale Semiconductor
12.5.3
Calibrating the Internal Reference Clock (IRC)
The IRC is calibrated by writing to the MCGTRM register first, then using the FTRIM bit to “fine tune”
the frequency. We will refer to this total 9-bit value as the trim value, ranging from 0x000 to 0x1FF, where
the FTRIM bit is the LSB.
The trim value after a POR is always 0x100 (MCGTRM = 0x80 and FTRIM = 0). Writing a larger value
will decrease the frequency and smaller values will increase the frequency. The trim value is linear with
the period, except that slight variations in wafer fab processing produce slight non-linearities between trim
value and period. These non-linearities are why an iterative trimming approach to search for the best trim
value is recommended. In example #4 later in this section, this approach will be demonstrated.
After a trim value has been found for a device, this value can be stored in FLASH memory to save the
value. If power is removed from the device, the IRC can easily be re-trimmed by copying the saved value
from FLASH to the MCG registers. Freescale identifies recommended FLASH locations for storing the
trim value for each MCU. Consult the memory map in the data sheet for these locations. On devices that
are factory trimmed, the factory trim value will be stored in these locations.
12.5.3.1
Example #5: Internal Reference Clock Trim
For applications that require a tight frequency tolerance, a trimming procedure is provided that will allow
a very accurate internal clock source. This section outlines one example of trimming the internal oscillator.
Many other possible trimming procedures are valid and can be used.
In the example below, the MCG trim will be calibrated for the 9-bit MCGTRM and FTRIM collective
value. This value will be referred to as TRMVAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com