| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS08 Datasheet(PDF) 202 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Datasheet(HTML) 202 Page - NXP Semiconductors |
|
202 / 374 page ![]() Multi-Purpose Clock Generator (S08MCGV1) MC9S08JM60 Series Data Sheet, Rev. 5 202 Freescale Semiconductor 4. Lastly, FBI transitions into FBILP mode. a) MCGC2 = 0x08 (%00001000) – LP (bit 3) in MCGSC is 1 Figure 12-10. Flowchart of PEE to BLPI Mode Transition using a 4 MHz Crystal MCGC1 = $90 CHECK CLKST = %10 ? MCGC2 = $3E MCGC1 = $44 CHECK IREFST = 0? CHECK CLKST = %01? CONTINUE IN BLPI MODE START IN PEE MODE MCGC1 = $B8 MCGC3 = $04 ENTER BLPE MODE ? IN BLPE MODE ? (LP=1) MCGC2 = $36 (LP = 0) CHECK PLLST = 0? OPTIONAL: = 1? MCGC2 = $08 YES YES YES YES YES YES YES NO NO NO NO NO NO NO CHECK LOCK |