| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX17843 Datasheet(PDF) 113 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX17843 Datasheet(HTML) 113 Page - Maxim Integrated Products |
|
113 / 131 page ![]() BIT POR NAME DESCRIPTION D15 0 Reserved Always reads logic-zero. D14 D13 0 AINUVALRTEN1 Enables the AIN1 undervoltage alert. D12 0 AINUVALRTEN0 Enables the AIN0 undervoltage alert. D11 0 UVALRTEN[12:1] Enables the undervoltage alert for the respective cell. Clearing also clears the associated cell alert. D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MAX17843 12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface www.maximintegrated.com Maxim Integrated │ 113 ALRTUVEN Register (address 0x15) |