Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M9-0942 Datasheet(PDF) 6 Page - Marki Microwave

No. de pieza M9-0942
Descripción Electrónicos  DOUBLE-BALANCED MIXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKIMICROWAVE [Marki Microwave]
Página de inicio  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

M9-0942 Datasheet(HTML) 6 Page - Marki Microwave

  M9-0942 Datasheet HTML 1Page - Marki Microwave M9-0942 Datasheet HTML 2Page - Marki Microwave M9-0942 Datasheet HTML 3Page - Marki Microwave M9-0942 Datasheet HTML 4Page - Marki Microwave M9-0942 Datasheet HTML 5Page - Marki Microwave M9-0942 Datasheet HTML 6Page - Marki Microwave  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Copyright © [2013, 2020] Marki Microwave, Inc. All Rights Reserved.
DOUBLE-BALANCED MIXERS
M9-0942
Page 6
LO/RF 9.0 to 42.0 GHz
IF 1.0 to 22.0 GHz
Port
Description
DC Interface Schematic
LO
The LO port is DC coupled to ground and AC matched to 50 Ohms from
9 to 42 GHz. Blocking capacitor is optional.
LO
RF
The RF port is DC coupled to ground and AC matched to 50 Ohms from
9 to 42 GHz. Blocking capacitor is optional.
RF
IF
The IF port is DC coupled to ground and AC matched to 50 Ohms from
1 to 22 GHz. Blocking capacitor is optional.
IF
Absolute Maximum Ratings
Parameter
Maximum Rating
RF DC Current
1 Amp
LO DC Current
1 Amp
IF DC Current
1 Amp
RF Power Handling (RF+LO)
+23 dBm at +25°C, derated
linearly to +20 dBm at +100°C
Operating Temperature
-55ºC to +100ºC
Storage Temperature
-65ºC to +125ºC
ESD Sensitivity (HBM)
Class 0
DATA SHEET NOTES:
1. Mixer Conversion Loss Plot IF frequency is 4.0 GHz.
2. Mixer Noise Figure typically measures within 0.5 dB of conversion loss.
3. Conversion Loss typically degrades less than 0.5 dB for LO drives 2 dB below the lowest and 3 dB above highest nominal LO drive levels.
4. Conversion Loss typically degrades less than 0.5 dB at +100°C and improves less than 0.5 dB at -55°C.
5. Unless otherwise specified, L-diode data is taken with +11 dBm LO drive, and I-diode data is taken with +16 dBm drive.
6. Specifications are subject to change without notice. Contact Marki Microwave for the most recent specifications and data sheets.
7. Catalog mixer circuits are continually improved. Configuration control requires custom mixer model numbers and specifications.
Marki Microwave reserves the right to make changes to the product(s) or information contained herein without notice. Marki Microwave makes no
warranty, representation, or guarantee regarding the suitability of its products for any particular purpose, nor does Marki Microwave assume any
liability whatsoever arising out of the use or application of any product.
215 Vineyard Court, Morgan Hill, CA 95037 | Ph: 408.778.4200 | Fax 408.778.4300 | info@markimicrowave.com
www.markimicrowave.com


Número de pieza similar - M9-0942

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marki Microwave
M9-0444 MARKIMICROWAVE-M9-0444 Datasheet
353Kb / 7P
DOUBLE-BALANCED MIXERS
More results

Descripción similar - M9-0942

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
73128 ANAREN-73128 Datasheet
170Kb / 1P
Mixers Double Balanced
74125 ANAREN-74125 Datasheet
153Kb / 1P
Mixers Double Balanced
logo
List of Unclassifed Man...
M1-0614 ETC2-M1-0614 Datasheet
95Kb / 2P
DOUBLE-BALANCED MIXERS
logo
Merrimac Industries, In...
DMM-4-250 MERRIMAC-DMM-4-250 Datasheet
216Kb / 1P
DOUBLE BALANCED MIXERS
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
DOUBLE BALANCED MIXERS
logo
Marki Microwave
M1-0204 MARKIMICROWAVE-M1-0204 Datasheet
175Kb / 2P
DOUBLE-BALANCED MIXERS
M1-0208 MARKIMICROWAVE-M1-0208 Datasheet
242Kb / 3P
DOUBLE-BALANCED MIXERS
M1-0220 MARKIMICROWAVE-M1-0220 Datasheet
151Kb / 2P
DOUBLE-BALANCED MIXERS
M4-0126 MARKIMICROWAVE-M4-0126 Datasheet
198Kb / 3P
DOUBLE-BALANCED MIXERS
M8-0326 MARKIMICROWAVE-M8-0326 Datasheet
177Kb / 2P
DOUBLE-BALANCED MIXERS
M8-0420 MARKIMICROWAVE-M8-0420 Datasheet
198Kb / 2P
DOUBLE-BALANCED MIXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com